Electronic Components Datasheet Search
  English  ▼

X  

STD46N6F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD46N6F7
Description  N-channel 60 V, 0.012 Ω typ., 15 A STripFET™ F7 Power MOSFET in a DPAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD46N6F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STD46N6F7 Datasheet HTML 1Page - STMicroelectronics STD46N6F7 Datasheet HTML 2Page - STMicroelectronics STD46N6F7 Datasheet HTML 3Page - STMicroelectronics STD46N6F7 Datasheet HTML 4Page - STMicroelectronics STD46N6F7 Datasheet HTML 5Page - STMicroelectronics STD46N6F7 Datasheet HTML 6Page - STMicroelectronics STD46N6F7 Datasheet HTML 7Page - STMicroelectronics STD46N6F7 Datasheet HTML 8Page - STMicroelectronics STD46N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2016
DocID028323 Rev 2
1/14
This is information on a product in full production.
www.st.com
STD46N6F7
N-
channel 60 V, 0.012 Ω typ., 15 A STripFET™ F7
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STD46N6F7
60 V
0.014 Ω
15 A
Among the lowest RDS(on) on the market
Excellent figure of merit (FoM)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packaging
STD46N6F7
46N6F7
DPAK
Tape and reel
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STD46N6F7

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD460BLK VCC-STD460BLK Datasheet
67Kb / 1P
STD
logo
STMicroelectronics
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
16-Dec-2014
More results

Similar Description - STD46N6F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
01-Apr-2016
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
N-channel 60 V, 4.7 mΩ typ.,100 A STripFET™ F7 Power MOSFET in a D²PAK package
14-Jan-2015
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.02 Ω typ., 32 A STripFET™F7 Power MOSFET in a DPAK package
27-Jan-2016
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STH15810-2 STMICROELECTRONICS-STH15810-2 Datasheet
969Kb / 16P
N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
25-Aug-2014
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
20-Aug-2014
STD35NF06L STMICROELECTRONICS-STD35NF06L_V01 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com