Electronic Components Datasheet Search
  English  ▼

X  

STF25N60M2-EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF25N60M2-EP
Description  N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF25N60M2-EP Datasheet(HTML) 1 Page - STMicroelectronics

  STF25N60M2-EP Datasheet HTML 1Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF25N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2015
DocID027251 Rev 2
1/14
This is information on a product in full production.
www.st.com
STF25N60M2-EP
N-
channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @
TJmax
RDS(on)
max.
ID
STF25N60M2-EP
650 V
0.188 Ω
18 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
Very low turn-off switching losses
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
Tailored for Very High Frequency
Converters (f > 150 kHz)
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 EP enhanced
performance technology. Thanks to its strip
layout and an improved vertical structure, the
device exhibits low on-resistance, optimized
switching characteristics with very low turn-off
switching losses, rendering it suitable for the
most demanding very high frequency converters.
Table 1: Device summary
Order code
Marking
Package
Packaging
STF25N60M2-EP
25N60M2EP
TO-220FP
Tube
TO-220FP
1
2
3


Similar Part No. - STF25N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF25N10F7 STMICROELECTRONICS-STF25N10F7 Datasheet
1Mb / 21P
Ultra low on-resistance
17-Sep-2013
logo
Inchange Semiconductor ...
STF25N10F7 ISC-STF25N10F7 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF25N80K5 STMICROELECTRONICS-STF25N80K5 Datasheet
1Mb / 22P
N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
04-Jun-2013
logo
Inchange Semiconductor ...
STF25N80K5 ISC-STF25N80K5 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF25NM50N STMICROELECTRONICS-STF25NM50N Datasheet
678Kb / 16P
N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
05-Oct-2005
More results

Similar Description - STF25N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
STW25N60M2-EP STMICROELECTRONICS-STW25N60M2-EP Datasheet
274Kb / 14P
N-channel 600 V, 0.175 typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
May 2018 Rev 3
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STFU25N60M2-EP STMICROELECTRONICS-STFU25N60M2-EP Datasheet
271Kb / 13P
N-channel 600 V, 0.175 typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP ultra narrow leads package
May 2018 Rev 4
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STL11N60M2-EP STMICROELECTRONICS-STL11N60M2-EP Datasheet
618Kb / 15P
N-channel 600 V, 0.600 Ω typ., 5.5 A MDmesh™ M2 EP Power MOSFET in a PowerFLAT™ 5x6 HV package
26-Apr-2018
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com