Electronic Components Datasheet Search
  English  ▼

X  

BSS83P Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSS83P
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS83P Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSS83P Datasheet HTML 1Page - Infineon Technologies AG BSS83P Datasheet HTML 2Page - Infineon Technologies AG BSS83P Datasheet HTML 3Page - Infineon Technologies AG BSS83P Datasheet HTML 4Page - Infineon Technologies AG BSS83P Datasheet HTML 5Page - Infineon Technologies AG BSS83P Datasheet HTML 6Page - Infineon Technologies AG BSS83P Datasheet HTML 7Page - Infineon Technologies AG BSS83P Datasheet HTML 8Page - Infineon Technologies AG BSS83P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2003-06-23
Page 1
BSS 83 P
Rev. 1.0
SIPMOS® Small-Signal-Transistor
Features
· P-Channel
· Enhancement mode
· Avalanche rated
· Logic Level
· dv/dt rated
Product Summary
Drain source voltage
V
VDS
-60
Drain-source on-state resistance
RDS(on)
2
W
Continuous drain current
A
ID
-0.33
1
2
3
VPS05161
Type
Package
Ordering Code
BSS 83 P
SOT-23
Q67041-S1416
Marking
YAs
Pin 1
PIN 2
PIN 3
G
S
D
Maximum Ratings,at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Unit
Value
-0.33
-0.27
A
Continuous drain current
TA = 25 °C
TA = 70 °C
ID
Pulsed drain current
TA = 25 °C
ID puls
-1.32
Avalanche energy, single pulse
ID = -0.33 A , VDD = -25 V, RGS = 25 W
9.5
mJ
EAS
Avalanche energy, periodic limited by
Tjmax
EAR
0.036
d
v/dt
6
Reverse diode d
v/dt
IS = -0.33 A, VDS = -48 V, di/dt = 200 A/µs,
Tjmax = 150 °C
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TA = 25 °C
Ptot
0.36
W
Operating and storage temperature
Tj , Tstg
-55...+150
°C
IEC climatic category; DIN IEC 68-1
55/150/56


Similar Part No. - BSS83P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS83P INFINEON-BSS83P Datasheet
3Mb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.2 2006-12-05
BSS83P INFINEON-BSS83P Datasheet
351Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
logo
TECH PUBLIC Electronics...
BSS83P TECHPUBLIC-BSS83P Datasheet
2Mb / 5P
1.7Q ,60V P-Channel MOSFET
logo
Infineon Technologies A...
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
BSS83P INFINEON-BSS83P_06 Datasheet
3Mb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.2 2006-12-05
More results

Similar Description - BSS83P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com