Electronic Components Datasheet Search
  English  ▼

X  

STFU13N65M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STFU13N65M2
Description  N-channel 650 V, 0.37 Ω typ., 10 A MDmesh™M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU13N65M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STFU13N65M2 Datasheet HTML 4Page - STMicroelectronics STFU13N65M2 Datasheet HTML 5Page - STMicroelectronics STFU13N65M2 Datasheet HTML 6Page - STMicroelectronics STFU13N65M2 Datasheet HTML 7Page - STMicroelectronics STFU13N65M2 Datasheet HTML 8Page - STMicroelectronics STFU13N65M2 Datasheet HTML 9Page - STMicroelectronics STFU13N65M2 Datasheet HTML 10Page - STMicroelectronics STFU13N65M2 Datasheet HTML 11Page - STMicroelectronics STFU13N65M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
STFU13N65M2
10/12
DocID027538 Rev 1
Table 9: TO-220FP ultra narrow leads mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
B
2.50
2.70
D
2.50
2.75
E
0.45
0.60
F
0.65
0.75
F1
-
0.90
G
4.95
5.20
G1
2.40
2.54
2.70
H
10.00
10.40
L2
15.10
15.90
L3
28.50
30.50
L4
10.20
11.00
L5
2.50
3.10
L6
15.60
16.40
L7
9.00
9.30
L8
3.20
3.60
L9
-
1.30
Dia.
3.00
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com