Electronic Components Datasheet Search
  English  ▼

X  

BSS79C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSS79C
Description  NPN Silicon Switching Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS79C Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSS79C Datasheet HTML 1Page - Infineon Technologies AG BSS79C Datasheet HTML 2Page - Infineon Technologies AG BSS79C Datasheet HTML 3Page - Infineon Technologies AG BSS79C Datasheet HTML 4Page - Infineon Technologies AG BSS79C Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BSS79, BSS81
1
Nov-30-2001
NPN Silicon Switching Transistors
 High DC current gain: 0.1mA to 500 mA
 Low collector-emitter saturation voltage
 Complementary types: BSS80, BSS82 (PNP)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BSS79B
BSS79C
BSS81B
BSS81C
CEs
CFs
CDs
CGs
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
Maximum Ratings
Parameter
Symbol
BSS79
BSS81
Unit
Collector-emitter voltage
VCEO
40
35
V
Collector-base voltage
VCBO
75
V
Emitter-base voltage
VEBO
6
DC collector current
IC
800
mA
Peak collector current
ICM
1
A
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation, TS = 77 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point 1)
RthJS
220
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BSS79C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS79C SIEMENS-BSS79C Datasheet
157Kb / 5P
NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BSS79C FAIRCHILD-BSS79C Datasheet
48Kb / 4P
NPN General Purpose Amplifier
logo
Zetex Semiconductors
BSS79C ZETEX-BSS79C Datasheet
29Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
BSS79C KEXIN-BSS79C Datasheet
41Kb / 2P
NPN Silicon Switching Transistors
logo
Zetex Semiconductors
BSS79C-CF ZETEX-BSS79C-CF Datasheet
29Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
More results

Similar Description - BSS79C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
SILICON NPN SWITCHING TRANSISTORS
Oct-1999
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
SWITCHING TRANSISTORS (NPN SILICON)
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
Switching Transistors(NPN Silicon)
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
NPN Silicon Switching Transistors
2007-09-20
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
NPN Silicon Switching Transistors
2012-08-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com