Electronic Components Datasheet Search
  English  ▼

X  

BSS80C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSS80C
Description  PNP Silicon Switching Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS80C Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSS80C Datasheet HTML 1Page - Infineon Technologies AG BSS80C Datasheet HTML 2Page - Infineon Technologies AG BSS80C Datasheet HTML 3Page - Infineon Technologies AG BSS80C Datasheet HTML 4Page - Infineon Technologies AG BSS80C Datasheet HTML 5Page - Infineon Technologies AG BSS80C Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BSS80, BSS82
3
Nov-30-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
6
-
pF
Delay time
VCC = 30 V, IC = 150 mA, IB1 = 15 mA,
VBE(off) = 0.5 V
td
-
-
10
ns
Rise time
VCC = 30 V, IC = 150 mA, IB1 = 15 mA,
VBE(off) = 0.5 V
tr
-
-
40
Storage time
VCC = 30 V, IC = 150 mA, IB1=IB2 = 15mA
tstg
-
-
80
Fall time
VCC = 30 V, IC = 150 mA, IB1=IB2 = 15mA
tf
-
-
30
Test circuits
Delay and rise time
Storage and fall time
EHN00047
Input
Z
0
200
Osc.
r
t
50
1
-30
= 50
< 2 ns
< 5 ns
t
r
200
-16
0
Ω
Ω
Ω
Ω
V
ns
V
k
EHN00048
37
-6
-30
0
+15 V
1
Ω
Ω
k
V
V
< 2ns
= 50
Input
t
Z
r
0
Ω
200 ns
1
Ω
k
50
Ω
Osc.
< 5 ns
t
r



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com