Electronic Components Datasheet Search
  English  ▼

X  

STP7LN80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP7LN80K5
Description  Ultra-low gate charge
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7LN80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP7LN80K5 Datasheet HTML 1Page - STMicroelectronics STP7LN80K5 Datasheet HTML 2Page - STMicroelectronics STP7LN80K5 Datasheet HTML 3Page - STMicroelectronics STP7LN80K5 Datasheet HTML 4Page - STMicroelectronics STP7LN80K5 Datasheet HTML 5Page - STMicroelectronics STP7LN80K5 Datasheet HTML 6Page - STMicroelectronics STP7LN80K5 Datasheet HTML 7Page - STMicroelectronics STP7LN80K5 Datasheet HTML 8Page - STMicroelectronics STP7LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 2016
DocID028826 Rev 1
1/13
This is information on a product in full production.
www.st.com
STP7LN80K5
N-
channel 800 V, 0.95 Ω typ., 5 A MDmesh™ K5
Power MOSFET in a TO-220 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP7LN80K5
800 V
1.15 Ω
5 A
Industry’s lowest R
DS(on) x area
Industry’s best figure of merit (FoM)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STP7LN80K5
7LN80K5
TO-220
Tube


Similar Part No. - STP7LN80K5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STP70L60 DOINGTER-STP70L60 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STP70N06FI VBSEMI-STP70N06FI Datasheet
2Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STP70N10F4 STMICROELECTRONICS-STP70N10F4 Datasheet
974Kb / 18P
N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
09-Oct-2009
logo
VBsemi Electronics Co.,...
STP70N10F4 VBSEMI-STP70N10F4 Datasheet
2Mb / 7P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP70N10F4 ISC-STP70N10F4 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP7LN80K5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
Ultra low gate charge
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
Ultra-low gate charge
11-Nov-2015
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
Ultra-low gate charge
04-Jan-2017
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
Ultra-low gate charge
November 2016 Rev 1
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
Ultra-low gate charge
October 2016 Rev 1
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
Ultra low gate charge
06-Sep-2016
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
Ultra low gate charge
11-Oct-2013
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
Ultra low gate charge
07-Feb-2014
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
Ultra low gate charge
24-Jul-2014
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
Ultra low gate charge
19-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com