Electronic Components Datasheet Search
  English  ▼

X  

ADC0804LCWM Datasheet(PDF) 26 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 22Page - Texas Instruments ADC0804LCWM Datasheet HTML 23Page - Texas Instruments ADC0804LCWM Datasheet HTML 24Page - Texas Instruments ADC0804LCWM Datasheet HTML 25Page - Texas Instruments ADC0804LCWM Datasheet HTML 26Page - Texas Instruments ADC0804LCWM Datasheet HTML 27Page - Texas Instruments ADC0804LCWM Datasheet HTML 28Page - Texas Instruments ADC0804LCWM Datasheet HTML 29Page - Texas Instruments ADC0804LCWM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
*Add if VREF/2
≤ 1 VDC with LM358 to draw 3 mA to ground.
Figure 34. Accommodating an Analog Input from 0.5V (Digital Out = 00HEX) to 3.5 V (Digital Out=FFHEX)
9.2.1.2.4
Errors and Reference Voltage Adjustments
9.2.1.2.4.1
Zero Error
The zero of the ADC does not require adjustment. If the minimum analog input voltage value, VIN(MIN), is not
ground, a zero offset can be done. The converter can be made to output 0000 0000 digital code for this minimum
input voltage by biasing the ADC VIN(−) input at this VIN(MIN) value (see Application Information). This uses the
differential mode operation of the ADC.
The zero error of the ADC converter relates to the location of the first riser of the transfer function and can be
measured by grounding the VIN(−) input and applying a small magnitude positive voltage to the VIN(+) input. Zero
error is the difference between the actual DC input voltage that is necessary to just cause an output digital code
transition from 0000 0000 to 0000 0001 and the ideal 1/2 LSB value (1/2 LSB = 9.8 mV for VREF/2=2.500 VDC).
9.2.1.2.4.2
Full-Scale
The full-scale adjustment can be made by applying a differential input voltage that is 11/2 LSB less than the
desired analog full-scale voltage range and then adjusting the magnitude of the VREF/2 input (pin 9 or the VCC
supply if pin 9 is not used) for a digital output code that is just changing from 1111 1110 to 1111 1111.
26
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com