Electronic Components Datasheet Search
  English  ▼

X  

BTS110 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS110
Description  TEMPFET(N-channel Enhancement mode Temperature sensor with thyristor characteristic)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS110 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS110 Datasheet HTML 1Page - Infineon Technologies AG BTS110 Datasheet HTML 2Page - Infineon Technologies AG BTS110 Datasheet HTML 3Page - Infineon Technologies AG BTS110 Datasheet HTML 4Page - Infineon Technologies AG BTS110 Datasheet HTML 5Page - Infineon Technologies AG BTS110 Datasheet HTML 6Page - Infineon Technologies AG BTS110 Datasheet HTML 7Page - Infineon Technologies AG BTS110 Datasheet HTML 8Page - Infineon Technologies AG BTS110 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TEMPFET® BTS 110
3
19.02.04
Electrical Characteristics (cont’d)
at
T
j = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Continuous source current
I
S
––
10
A
Pulsed source current
I
SM
––
40
Diode forward on-voltage
I
F = 10 A, VGS = 0 V
V
SD
–
1.1
1.4
V
Reverse recovery time
I
F = I S, diF/dt = 100 A/µs, VR = 30 V
t
rr
–
170
–
ns
Reverse recovery charge
I
F = I S, diF/dt = 100 A/µs, VR = 30 V
Q
rr
–
0.30
–
µC
Temperature Sensor
Forward voltage
I
TS(on) = 10 mA, Tj = – 55 ... + 150 °C
Sensor override,
t
p ≤ 100 µs, f ≤ 1 kHz
T
j = – 55 ... + 160 °C
V
TS(on)
–
–
1.4
–
1.5
10
V
Forward current
T
j = – 55 ... + 150 °C
Sensor override,
t
p ≤ 100 µs
T
j = – 55 ... + 160 °C
I
TS(on)
–
–
–
–
10
600
mA
Holding current,
V
TS(off) = 5 V,
T
j = 25 °C
T
j = 150 °C
I
H
0.05
0.05
0.1
0.2
0.5
0.3
Switching temperature
V
TS = 5 V
T
TS(on)
150
––
°C
Turn-off time
V
TS = 5 V, ITS(on) = 2 mA
t
off
0.5
–
2.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com