Electronic Components Datasheet Search
  English  ▼

X  

ADS5294IPFPT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5294IPFPT
Description  Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5294IPFPT Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5294IPFPT Datasheet HTML 29Page - Texas Instruments ADS5294IPFPT Datasheet HTML 30Page - Texas Instruments ADS5294IPFPT Datasheet HTML 31Page - Texas Instruments ADS5294IPFPT Datasheet HTML 32Page - Texas Instruments ADS5294IPFPT Datasheet HTML 33Page - Texas Instruments ADS5294IPFPT Datasheet HTML 34Page - Texas Instruments ADS5294IPFPT Datasheet HTML 35Page - Texas Instruments ADS5294IPFPT Datasheet HTML 36Page - Texas Instruments ADS5294IPFPT Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
ADS5294
www.ti.com
SLAS776D – NOVEMBER 2011 – REVISED SEPTEMBER 2015
Feature Description (continued)
9.3.4 Decimation Filter
ADS5294 includes an option to decimate the ADC output data using filters. Once the decimation is enabled, the
decimation rate, frequency band of the filter can be programmed. In addition, the user can select either the pre-
defined or custom coefficients.
Table 1. Digital Filters(1)
USE
DATA
FILTERn
FILTERn
EN_CUSTOM
DECIMATION
TYPE OF FILTER
ODD_TAP
_FILTER
_RATE
_RATE
_COEFF_SET
_FILT
_CHn
Built-in low-pass odd-tap filter (pass band = 0 to
01
000
000
1
1
0
fS / 4)
Decimate by 2
Built-in high-pass odd-tap filter (pass band = fS /
01
000
001
1
1
0
4 to fS /2)
Built-in low-pass even-tap filter (pass band = 0
10
001
010
0
1
0
to fS / 8)
Built-in first band pass even tap filter (pass band
10
001
011
0
1
0
= fS / 8 to fS / 4)
Decimate by 4
Built-in second band pass even tap filter (pass
10
001
100
0
1
0
band = fS / 4 to 3 fS / 8)
Built-in high pass odd tap filter (pass band = 3
10
001
101
1
1
0
fS / 8 to fS / 2)
Decimate by 2
Custom filter (user-programmable coefficients)
01
000
000
0 and 1
1
1
Decimate by 4
Custom filter (user-programmable coefficients)
10
001
000
0 and 1
1
1
Decimate by 8
Custom filter (user-programmable coefficients)
11
100
000
0 and 1
1
1
Bypass
Custom filter (user-programmable coefficients)
0 and 1
1
1
decimation
(1)
EN_CUSTOM_FILT is the D15 of register 5A (Hex) to B9 (Hex).
9.3.5 Decimation Filter Equation
In the default setting, the decimation filter is implemented as a 24-tap FIR filter with symmetrical coefficients
(each coefficient is 12-bit signed). By setting the register bit ODD_TAPn = 1, a 23-tap FIR is implemented
9.3.5.1 Pre-defined Coefficients
The built-in filters (lowpass, highpass, and bandpass) use pre-defined coefficients. The frequency responses of
the build-in decimation filters with different decimation factors are shown in Figure 48.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADS5294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com