Electronic Components Datasheet Search
  English  ▼

X  

54ACTQ657F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ657F
Description  Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ657F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ657F Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ657F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
54ACTQ657
Quiet Series Octal Bidirectional Transceiver with 8-Bit
Parity Generator/Checker and TRI-STATE® Outputs
General Description
The ACTQ657 contains eight non-inverting buffers with
TRI-STATE outputs and an 8-bit parity generator/checker. In-
tended for bus oriented applications, the device combines
the ’245 and the ’280 functions in one package.
The ACTQ utilizes NSC Quiet Series technology to guaran-
tee quiet output switching and improved dynamic threshold
performance. FACT Quiet Series™ features GTO™ output
control and undershoot corrector in addition to a split ground
bus for superior performance.
Features
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Combines the ’245 and the ’280 functions in one
package
n Outputs source/sink 24 mA
n ’ACTQ has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
5962-92197
Logic Symbols
GTO™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT Quiet Series™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100244-1
DS100244-4
September 1998
© 1998 National Semiconductor Corporation
DS100244
www.national.com


Similar Part No. - 54ACTQ657F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
54ACTQ646 TI1-54ACTQ646 Datasheet
231Kb / 11P
54ACTQ646 Quiet Series Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 54ACTQ657F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Texas Instruments
54F657 TI1-54F657 Datasheet
425Kb / 12P
54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com