Electronic Components Datasheet Search
  English  ▼

X  

ES-413 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES-413
Description  ES-413 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485 Power Over Ethernet PoE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ES-413 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES-413 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES-413 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES-413 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES-413 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Connect, Configure, Control
GB AEOF 00031/11
ES-413 PoE ETHERNET TO SERIAL DEVICE SERVER
Ethernet 2 Port RS422/485 Power Over Ethernet PoE
CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
• 2 Port RS-422/485 with Power over Ethernet IEEE802.3af
• Ethernet to Serial Device Server
• Data rate from 110 to 1,000,000 baud
• User friendly interface, simple to use, powerful in operation
• Serial Port Tunnelling allows serial cable replacement over any
distance, no software required
• Optional DIN rail mounting kit and stand alone power supply
Ethernet to Serial device server with Power over Ethernet providing access to two RS422/485 serial ports. Data transfer rates up to 1,000,000 baud,
coupled with 1Mbit/s line drivers deliver uncompromising performance. Power over Ethernet PoE uses IEEE 802.3af standard, compatible with any
PoE switch.Our ES range provides simple instant networked serial ports. RS485 - 1 twisted pair - half duplex configuration with autogating provides
trouble free data transmission due to automatic control of data direction. A web interface allows secure configuration and control of the serial ports
over a local network or the internet using any browser. For Windows our in-house designed 32 bit and 64 bit driver gives you local COM ports,
retaining existing software applications and allowing you to connect across your network to remote devices just as if they were attached locally. Serial
Port Tunnelling individually configurable allows serial cable replacement over any distance, no software required. You can access the device via TCP/
IP sockets from any networked device like an Android tablet, PC or phone. On Windows OS TCP/IP sockets are handled by the Winsock API, this will
differ on other OSs.
Extend your reach! Remote serial devices with local control. With Brainboxes industry renowned Lifetime Warranty and Lifetime Support!
PoE Switch
PoE
Single Cable
Serial
Features
Description
Example Application


Similar Part No. - ES-413

ManufacturerPart #DatasheetDescription
logo
Brainboxes Limited
ES-413 BRAINBOXE-ES-413 Datasheet
2Mb / 7P
SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
More results

Similar Description - ES-413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES-420 ETC2-ES-420 Datasheet
1Mb / 4P
ES-420 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485 Power Over Ethernet PoE
logo
Coolgear Inc.
MSD-SRP2XM-PRO COOLGEAR-MSD-SRP2XM-PRO Datasheet
278Kb / 2P
2-Port RS-232/422/485 Serial to Ethernet Device Server, PoE Power
7/9/2021
logo
Black Box Registered Tr...
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-257 BLACKBOX-ES-257 Datasheet
1Mb / 4P
ES-257 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS232
ES-279 BLACKBOX-ES-279 Datasheet
944Kb / 4P
ES-279 ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS232
ES-313 BLACKBOX-ES-313 Datasheet
541Kb / 4P
ES-313 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485
ES-320 BLACKBOX-ES-320 Datasheet
527Kb / 4P
ES-320 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485
ES-346 BLACKBOX-ES-346 Datasheet
636Kb / 4P
ES-346 ETHERNET TO SERIAL DEVICE SERVER Ethernet 4 Port RS422/485
ES-357 BLACKBOX-ES-357 Datasheet
1Mb / 4P
ES-357 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 1 Port RS422/485
ES-842 BLACKBOX-ES-842 Datasheet
713Kb / 4P
ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS422/485
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com