Electronic Components Datasheet Search
  English  ▼

X  

BTS141 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS141
Description  Smart Lowside Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS141 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BTS141 Datasheet HTML 1Page - Infineon Technologies AG BTS141 Datasheet HTML 2Page - Infineon Technologies AG BTS141 Datasheet HTML 3Page - Infineon Technologies AG BTS141 Datasheet HTML 4Page - Infineon Technologies AG BTS141 Datasheet HTML 5Page - Infineon Technologies AG BTS141 Datasheet HTML 6Page - Infineon Technologies AG BTS141 Datasheet HTML 7Page - Infineon Technologies AG BTS141 Datasheet HTML 8Page - Infineon Technologies AG BTS141 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
19.05.2000
Page 7
BTS 141
Typ. transfer characteristics
ID = f(VIN); VDS=12V; Tj=25°C
0
1
2
3
4
5
6
V
8
VIN
0
4
8
12
16
20
A
28
Typ. output characteristic
ID = f(VDS); Tj=25°C
Parameter: VIN
0
1
2
3
4
V
6
VDS
0
5
10
15
20
25
A
35
Vin=3V
4V
5V
6V
10V
Transient thermal impedance
ZthJC = f (tp)
parameter : D = tp/T
10
-7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0
10
2
s
tP
-3
10
-2
10
-1
10
0
10
1
10
K/W
0
0.005
0.01
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com