Electronic Components Datasheet Search
  English  ▼

X  

BTS142D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS142D
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS142D Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS142D Datasheet HTML 1Page - Infineon Technologies AG BTS142D Datasheet HTML 2Page - Infineon Technologies AG BTS142D Datasheet HTML 3Page - Infineon Technologies AG BTS142D Datasheet HTML 4Page - Infineon Technologies AG BTS142D Datasheet HTML 5Page - Infineon Technologies AG BTS142D Datasheet HTML 6Page - Infineon Technologies AG BTS142D Datasheet HTML 7Page - Infineon Technologies AG BTS142D Datasheet HTML 8Page - Infineon Technologies AG BTS142D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004-03-05
Page 2
BTS 142 D
Maximum Ratings at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Drain source voltage
VDS
42
V
Supply voltage for full short circuit protection
Vbb(SC)
42
Continuous input voltage1)
VIN
-0.2 2) ... +10
Continuous input current2)
-0.2V
£ VIN £ 10V
VIN < -0.2V or VIN > 10V
IIN
self limited
| IIN |
£ 2
mA
Operating temperature
Tj
-40 ...+150
°C
Storage temperature
Tstg
-55 ... +150
Power dissipation 5)
TC = 85 °C
6cm2 cooling area , TA = 85 °C
Ptot
59
1.1
W
Unclamped single pulse inductive energy 2)
EAS
3.5
J
Load dump protection VLoadDump2)3) = VA + VS
VIN = 0 and 10 V, td = 400 ms, RI = 2 W,
RL = 3 W, VA = 13.5 V
VLD
67.5
V
VESD
2
kV
40/150/56
Thermal resistance
junction - case:
RthJC
1.1
K/W
SMD: junction - ambient
@ min. footprint
@ 6 cm2 cooling area 4)
RthJA
115
55
1For input voltages beyond these limits IIN has to be limited.
2not subject to production test, specified by design
3VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
4 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for drain
connection. PCB mounted vertical without blown air.
5not subject to production test, calculated by RthJA and Rds(on)
Electrostatic discharge voltage2) (Human Body Model)
according to
Jedec norm
EIA/JESD22-A114-B, Section 4
Jedec humidity category,J-STD-20-B
IEC climatic category; DIN
EN 60068-1
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com