Electronic Components Datasheet Search
  English  ▼

X  

LD39015J12R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39015J12R
Description  150 mA low quiescent current low noise voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015J12R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39015J12R Datasheet HTML 5Page - STMicroelectronics LD39015J12R Datasheet HTML 6Page - STMicroelectronics LD39015J12R Datasheet HTML 7Page - STMicroelectronics LD39015J12R Datasheet HTML 8Page - STMicroelectronics LD39015J12R Datasheet HTML 9Page - STMicroelectronics LD39015J12R Datasheet HTML 10Page - STMicroelectronics LD39015J12R Datasheet HTML 11Page - STMicroelectronics LD39015J12R Datasheet HTML 12Page - STMicroelectronics LD39015J12R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID15968 Rev 4
9/16
LD39015J
Typical performance characteristics
16
6
Typical performance characteristics
Figure 4. Output voltage vs. temperature
Figure 5. Output voltage vs. input voltage
Figure 6. Dropout voltage vs. output current
Figure 7. COUT stability region
Figure 8. Supply voltage rejection vs. frequency
Figure 9. Output noise spectral density
1.14
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
-75 -50 -25
0
25
50
75 100 125 150 175
T [°C]
1 mA
150 mA
1.14
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
-75 -50 -25
0
25
50
75 100 125 150 175
T [°C]
1 mA
150 mA
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN [V]
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN [V]
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
C
OUT [µF] (nominal value)
STABLE ZONE
I
OUT=1 to 150mA
C
I = 1 µF, VIN = VEN = VOUTNOM +1 to 5.5 V
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
C
OUT [µF] (nominal value)
STABLE ZONE
I
OUT=1 to 150mA
C
I = 1 µF, VIN = VEN = VOUTNOM +1 to 5.5 V
Noise spectrum - VOUT(NOM) = 1.2V VIN=2.2V
0.0E+00
2.0E-06
4.0E-06
6.0E-06
8.0E-06
1.0E-05
1.2E-05
1.4E-05
10
100
1000
10000
100000
f [Hz]
IOUT = 0A
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
Noise spectrum - VOUT(NOM) = 1.2V VIN=2.2V
0.0E+00
2.0E-06
4.0E-06
6.0E-06
8.0E-06
1.0E-05
1.2E-05
1.4E-05
10
100
1000
10000
100000
f [Hz]
IOUT = 0A
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com