Electronic Components Datasheet Search
  English  ▼

X  

M93S46-W Datasheet(PDF) 5 Page - STMicroelectronics

Part # M93S46-W
Description  4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S46-W Datasheet(HTML) 5 Page - STMicroelectronics

  M93S46-W Datasheet HTML 1Page - STMicroelectronics M93S46-W Datasheet HTML 2Page - STMicroelectronics M93S46-W Datasheet HTML 3Page - STMicroelectronics M93S46-W Datasheet HTML 4Page - STMicroelectronics M93S46-W Datasheet HTML 5Page - STMicroelectronics M93S46-W Datasheet HTML 6Page - STMicroelectronics M93S46-W Datasheet HTML 7Page - STMicroelectronics M93S46-W Datasheet HTML 8Page - STMicroelectronics M93S46-W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
M93S46-W M93S56-W M93S66-W
Description
DocID5124 Rev 7
5/32
1
Description
The M93S46, M93S56, M93S66 devices are Electrically Erasable PROgrammable
Memories (EEPROMs) organized as 64, 128 or 256 words (one word is 16 bits), accessed
through the MICROWIRE bus.
The M93S46, M93S56, M93S66 can operate with a supply voltage from 2.5 V to 5.5 V over
an ambient temperature range of -40 °C / +85 °C.
Figure 1: Logic diagram
Figure 2: 8-pin package connections
1.
See Section 9: "Package mechanical data" for package dimensions, and how to
identify pin-1.
Table 1: Signal names
Signal name
Function
S
Chip select input
D
Serial data input
Q
Serial data output
C
Serial clock
PRE
Protection register enable
W
Write enable
VCC
Supply voltage
VSS
Ground
AI02020B
D
VCC
M93Sx6
C
Q
PRE
W
S
VSS
AI02021B
VSS
Q
W
PRE
C
S
VCC
D
M93Sx6
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com