Electronic Components Datasheet Search
  English  ▼

X  

M81500FP Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # M81500FP
Description  Intellimod HVIC Single Chip Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81500FP Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  M81500FP Datasheet HTML 1Page - Powerex Power Semiconductors M81500FP Datasheet HTML 2Page - Powerex Power Semiconductors M81500FP Datasheet HTML 3Page - Powerex Power Semiconductors M81500FP Datasheet HTML 4Page - Powerex Power Semiconductors M81500FP Datasheet HTML 5Page - Powerex Power Semiconductors M81500FP Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M81500FP
Intellimod™ HVIC
Single Chip Inverter
3
03/10 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Electrical and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Floating Bootstrap Standby Current
IFB
*PIN = *NIN = 0V (* = U, V, W), FB = 16.5V
—
0.2
0.6
mA
(Applied between UFB-U, VFB-V, WFB-W)
(U-Phase, V-Phase, W-Phase Common)
Power Supply Voltage Standby Current
ID
*PIN = *NIN = 0V
0.4
1.0
1.8
mA
High Level Input Threshold Voltage
VIH
*PIN, *NIN Pin
3.5
—
—
Volts
Low Level Input Threshold Voltage
VIL
*PIN, *NIN Pin
—
—
1.5
Volts
High Level Input Bias Current
IIH
VIN = 5V
—
25
50
µA
Low Level Input Bias Current
IIL
VIN = 0V
—
0
2
µA
Floating Bootstrap Supply UV
FBuvr
U-Phase, V-Phase, W-Phase Common
7.9
8.7
9.7
Volts
Reset Voltage
Floating Bootstrap Supply UV
FBuvt
U-Phase, V-Phase, W-Phase Common
7.4
8.2
9.0
Volts
Trip Voltage
Floating Bootstrap Supply UV
FBuvh
U-Phase, V-Phase, W-Phase Common
0.35
0.5
—
Volts
Hysteresis Voltage
Floating Bootstrap Supply UV
tFBuv
U-Phase, V-Phase, W-Phase Common
—
6.0
—
µs
Filter Time
Power Supply UV Reset Voltage
VDuvr
U-Phase, V-Phase, W-Phase Common
7.9
8.7
9.7
Volts
Power Supply UV Trip Voltage
VDuvt
U-Phase, V-Phase, W-Phase Common
7.4
8.2
9.0
Volts
Power Supply UV Hysteresis Voltage
VDuvh
U-Phase, V-Phase, W-Phase Common
0.35
0.5
—
Volts
Power Supply UV Filter Time
tVDuv
U-Phase, V-Phase, W-Phase Common
—
6.0
—
µs
Short Current Trip Level
VSC
CIN Pin Input Voltage (FO : H → L)
0.43
0.50
0.55
Volts
Fault Output Voltage
VFoL
CIN = 1V, IFO = 1mA
—
—
0.95
Volts
Output ON Delay Time
ton
VCC = 280V, VD = 16.5V, IC = 0.5A, L = 5mH
—
0.4
—
µs
Output OFF Delay Time
toff
VCC = 280V, VD = 16.5V, IC = 0.5A, L = 5mH
—
0.9
—
µs
FWD Reverse Recovery Time
trr
VCC = 280V, VD = 16.5V, IC = 0.5A, L = 5mH
—
220
—
ns
Input Filter Time (ON)
tinon
90
150
210
ns
Input Filter Time (OFF)
tinoff
100
170
240
ns
Output Saturation Voltage
VCE(sat)
VD = 16.5V, IF = 0.5A
—
2.3
3.0
Volts
(U-Phase, V-Phase, W-Phase Common)
Diode Forward Voltage
VFfwd
IF = 0.5A
—
1.95
2.5
Volts
(U-Phase, V-Phase, W-Phase Common)
Bootstrap Diodes Forward Voltage
VFbsd
IF = 600µA
—
0.75
1.0
Volts
(U-Phase, V-Phase, W-Phase Common)
Over-Temperature Trip Level
OTt
Chip Temperature (FO: H → L)
—
140
—
°C
Over-Temperature Reset Level
OTr
Chip Temperature (FO: H → L)
—
120
—
°C
Over-Temperature Hysteresis Level
OTh
OTt - OTr
—
20
—
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com