Electronic Components Datasheet Search
  English  ▼

X  

STB27NM60ND Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB27NM60ND
Description  Low input capacitance and gate charge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB27NM60ND Datasheet(HTML) 5 Page - STMicroelectronics

  STB27NM60ND Datasheet HTML 1Page - STMicroelectronics STB27NM60ND Datasheet HTML 2Page - STMicroelectronics STB27NM60ND Datasheet HTML 3Page - STMicroelectronics STB27NM60ND Datasheet HTML 4Page - STMicroelectronics STB27NM60ND Datasheet HTML 5Page - STMicroelectronics STB27NM60ND Datasheet HTML 6Page - STMicroelectronics STB27NM60ND Datasheet HTML 7Page - STMicroelectronics STB27NM60ND Datasheet HTML 8Page - STMicroelectronics STB27NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID15406 Rev 4
5/19
STB27NM60ND, STW27NM60ND
Electrical characteristics
19
Qg
Total gate charge
VDD = 480 V, ID = 21 A,
VGS = 10 V,
(see Figure 17)
-80
-
nC
Qgs
Gate-source charge
-
15
-
nC
Qgd
Gate-drain charge
-
40
-
nC
Rg
Gate input resistance
f = 1 MHz, gate DC
Bias = 0,
test signal level = 20 mV,
ID = 0
-1.6
-
Ω
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Table 6. Dynamic (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com