Electronic Components Datasheet Search
  English  ▼

X  

DSA480 Datasheet(PDF) 2 Page - XP Power Limited

Part # DSA480
Description  AC-DC Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSA480 Datasheet(HTML) 2 Page - XP Power Limited

  DSA480 Datasheet HTML 1Page - XP Power Limited DSA480 Datasheet HTML 2Page - XP Power Limited DSA480 Datasheet HTML 3Page - XP Power Limited DSA480 Datasheet HTML 4Page - XP Power Limited DSA480 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSA480 Series
www.xppower.com
2
AC-DC Power Supplies
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
24
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
At 100% load
Output Voltage Adjustment
±5
%
See Models and Ratings table
Minimum Load
0A
No minimum load required
Start Up Delay
1.0
s
Start Up Rise Time
130
ms
Hold Up Time
10
ms
At full load and 115 VAC
Line Regulation
±0.5
%
Load Regulation
±1
%
Transient Response - V1
4%
Recovery within 1% in less than 2 ms
for a 50% step load change at 0.2 A/µs
Ripple & Noise
1
% pk-pk
Measured at 20 MHz bandwidth
Overvoltage Protection
29
33
V
24 V model
56
65
V
48 V model
Overload Protection
%
See Application Notes
Short Circuit Protection
Trip & restart (hiccup mode) for 5 cycles then latch.
Recycle AC to reset.
Thermal Protection
95 (±5)
°C
Measured on internal heatsink auto recovery
Temperature Coefficient
0.03
%/˚C
Remote On/Off
Selectable as Enable or Inhibit using front panel switch
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
90
264
VAC
Input Frequency
47
50/60
63
Hz
Power Factor
0.96
At 230 VAC. Conforms to EN61000-3-2 Class A
Input Current - Full Load
5.0/2.5
A
115/230 VAC
Inrush Current
33/65
A
At 115/230 VAC
Earth Leakage Current
1.0
mA
At 264 VAC, 60 Hz
Input Protection
T10.0 A / 250 V internal in-line fuse
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
92
94
%
See Models & Ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
500
VAC
Switching Frequency
100
kHz
PFC & Main converter
DC OK Signal
Isolated opto-coupler output
Output LED
Green LED to indicate output on.
Mean Time Between Failure
>200
kHrs
MIL-HDBK-217F, +25 °C GB
Weight
3.2 (1.45)
lb (kg)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com