Electronic Components Datasheet Search
  English  ▼

X  

FCM400 Datasheet(PDF) 2 Page - XP Power Limited

Part # FCM400
Description  Integral Low Noise Fan
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCM400 Datasheet(HTML) 2 Page - XP Power Limited

  FCM400 Datasheet HTML 1Page - XP Power Limited FCM400 Datasheet HTML 2Page - XP Power Limited FCM400 Datasheet HTML 3Page - XP Power Limited FCM400 Datasheet HTML 4Page - XP Power Limited FCM400 Datasheet HTML 5Page - XP Power Limited FCM400 Datasheet HTML 6Page - XP Power Limited FCM400 Datasheet HTML 7Page - XP Power Limited FCM400 Datasheet HTML 8Page - XP Power Limited FCM400 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
xppower.com
2
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
80
115/230
275
VAC
Derate output power <90 VAC. See fig 1.
Power fail signal cannot be used <90 VAC.
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
EN61000-3-2 class A compliant
Input Current - No Load
0.11/0.15
A
115/230 VAC
Input Current - Full Load
4.1/2.1
A
115/230 VAC
Inrush Current
60
A
230 VAC, 25 şC
Earth Leakage Current
100/165
260
μA
115 VAC 60 Hz/230 VAC 50 Hz (Typ),
264 VAC/60 Hz (Max.)
Input Protection
F10 A/250 V internal fuse in both line and neutral
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±0.5
(V1) , ±5 (V2)
%
50% load, 115/230 VAC
Output Voltage Adjustment
±10
%
V1 only via potentiometer. See mech. details (page 11).
Minimum Load
0
A
Start Up Delay
1
s
230 VAC full load (see fig.2)
Hold Up Time
20
35
ms
90 VAC full load (see fig.3)
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1
(V1) , ±5 (V2)
%
0-100% load.
Transient Response - V1
4
%
Recovery within 1% in less than 500 μs
for a 50-75% and 75-50% load step
Over/Undershoot - V1
5
%
Ripple & Noise
0.5
1
(V1), 2 (V2)
% pk-pk
20 MHz bandwidth (see fig.4 & 5)
Overvoltage Protection
115
140
%
Vnom DC. Output 1 only, recycle input to reset
Overload Protection
150
165
% I nom
Output 1 only, auto reset (see fig.6)
Short Circuit Protection
Continuous (see fig. 6)
Temperature Coefficient
0.05
%/˚C
Overtemperature Protection
°C
Auto recovery - temperature of main transformer
Models and Ratings
Output Power
Output Voltage V1
Output Current V1
Standby Supply V2
Model Number
P nom
P peak (1)
I nom
I peak (1)
400 W
600 W
12.0 VDC
33.3 A
50 A
5.0 V/0.5 A
FCM400PS12
400 W
600 W
15.0 VDC
26.6 A
40 A
5.0 V/0.5 A
FCM400PS15
400 W
600 W
24.0 VDC
16.6 A
25 A
5.0 V/0.5 A
FCM400PS24
400 W
600 W
28.0 VDC
14.2 A
21.4 A
5.0 V/0.5 A
FCM400PS28
400 W
600 W
36.0 VDC
11.1 A
16.7 A
5.0 V/0.5 A
FCM400PS36
400 W
600 W
48.0 VDC
8.3 A
12.5 A
5.0 V/0.5 A
FCM400PS48
Notes:
1. Peak duration is 500 ms max, average power must not exceed 400 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com