Electronic Components Datasheet Search
  English  ▼

X  

SDC320AS15 Datasheet(PDF) 3 Page - XP Power Limited

Part # SDC320AS15
Description  High Power Density
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDC320AS15 Datasheet(HTML) 3 Page - XP Power Limited

  SDC320AS15 Datasheet HTML 1Page - XP Power Limited SDC320AS15 Datasheet HTML 2Page - XP Power Limited SDC320AS15 Datasheet HTML 3Page - XP Power Limited SDC320AS15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4.00 (101.60)
1.00 (25.40)
0.50 (12.70)
0.50 (12.70)
3.00 (76.20)
A
A
A
A
4.00 (101.60)
6.00 (152.40)
Option ‘D’
Mating Connector: JST connector housings
VHR10N, VHR5N, crimp terminals SVH41T-P1.1
CN2
CN1
1.50 (38.10)
A
A
4.00 (101.60)
1.00 (25.40)
1.00 (25.40)
Standard Terminal Block
M3.5 Screw 7 Pins 0.37 (9.50) Centre
FAN
+
-
A Mounting hole
6 places M3 x 0.5
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PIN 9
PIN 10
PIN 1
PIN 3
PIN 5
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
For SDC320A
CN1
FAN
FAN
CN1
FAN
+
-
For SDC320P
Voltage
Adj.
SDC320
Signal Connector mating part is JST XHP-3 for SDC320A, JST XHP-4 for SDC320P
Fan Connector mating part is JST XHP-2, Crimp terminals SXH-002T-P0.6
All dimensions are in inches (mm)
Max screw terminal torque: 15.7 lbs-in (1.8 Nm)
Weight: 680 g (1.50 lbs)
Max screw mount hole penetration : 0.16 (4.0)
Tolerance: ±0.012 in (±0.3 mm)
4.00 (101.60)
1.00 (25.40)
0.50 (12.70)
0.50 (12.70)
3.00 (76.20)
A
A
A
A
4.00 (101.60)
7.00 (177.80)
Option ‘D’
Mating Connector: JST connector housings VHR10N, VHR5N,
crimp terminals SVH41T-P1.1
CN2
CN1
FAN
Standard Terminal Block
M3.5 Screw 7 Pins 0.37 (9.50) Center
1.60 (40.64)
A
A
4.00 (101.60)
1.00 (25.40)
1.00 (25.40)
A Mounting hole
6 places M3 x 0.5
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PIN 9
PIN 10
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
Voltage
Adj.
FAN
+ -
For SDC320A
CN1
FAN
FAN
CN1
FAN
+ -
For SDC320P
Signal Connector mating part is JST XHP-3 for SDC320A, JST XHP-4 for SDC320P
Crimp terminals SXH-002T-P0.6
All dimensions are in inches (mm)
Max screw terminal torque: 15.7 lbs-in (1.8 Nm)
Weight: 800 g (1.76 lbs)
Max screw mount hole penetration : 0.16 (4.0)
Tolerance: ±0.012 in (±0.3 mm)
Enclosed with End Fan (‘ E’ Option)
Mechanical Details
UChannel
PIN CONNECTIONS
Pin
Standard
JST (Option D)
Single
Dual
Single
Dual
1
Vout
Vout1
Vout
Vout1
2
Vout
Rtn
Vout
Vout1
3
Rtn
Rtn
Vout
Vout1
4
Rtn
Vout2
Vout
Rtn
5
Ground
Ground
Vout
Rtn
6
Neutral
Neutral
Rtn
Rtn
7
Live
Live
Rtn
Rtn
8
Rtn
Rtn
9
Rtn
Vout2
10
Rtn
Vout2
1
Ground
Ground
3
Neutral
Neutral
5
Live
Live



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com