Electronic Components Datasheet Search
  English  ▼

X  

BTS436L2 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS436L2
Description  Smart High-Side Power Switch One Channel: 38m??Status Feedback
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS436L2 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS436L2 Datasheet HTML 1Page - Infineon Technologies AG BTS436L2 Datasheet HTML 2Page - Infineon Technologies AG BTS436L2 Datasheet HTML 3Page - Infineon Technologies AG BTS436L2 Datasheet HTML 4Page - Infineon Technologies AG BTS436L2 Datasheet HTML 5Page - Infineon Technologies AG BTS436L2 Datasheet HTML 6Page - Infineon Technologies AG BTS436L2 Datasheet HTML 7Page - Infineon Technologies AG BTS436L2 Datasheet HTML 8Page - Infineon Technologies AG BTS436L2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTS436L2
Semiconductor Group
Page 3
2003-Oct-01
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
43
V
Supply voltage for full short circuit protection
Tj Start=-40 ...+150°C
Vbb
24
V
Load dump protection
1) VLoadDump = VA + Vs, VA = 13.5 V
RI
2)= 2 Ω, RL= 4.0 Ω, td= 200 ms, IN= low or high
VLoad dump
3
60
V
Load current (Current limit, see page 5)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC), TC
≤ 25 °C
Ptot
75
W
Maximal switchable inductance, single pulse
Vbb = 12V, Tj,start = 150°C, TC = 150°C const.
(See diagram on page 8) IL(ISO) = 9.8 A, RL = 0 Ω, E
4)
AS=0.33J:
ZL
5.0
mH
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
ST:
out to all other pins shorted:
acc. MIL-STD883D, method 3015.7 and
ESD assn. std. S5.1-1993; R=1.5k
Ω; C=100pF
VESD
1.0
4.0
8.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagrams page 7
IIN
IST
±2.0
±5.0
mA
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
junction - ambient (free air):
device on pcb
5
):
RthJC
RthJA
--
--
--
--
--
33
1.75
75
--
K/W
1)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150Ω
resistor for the GND connection is recommended).
2)
RI = internal resistance of the load dump test pulse generator
3)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
4)
EAS is the maximum inductive switch-off energy
5)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com