Electronic Components Datasheet Search
  English  ▼

X  

STPS3170UF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3170UF
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3170UF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3170UF Datasheet HTML 1Page - STMicroelectronics STPS3170UF Datasheet HTML 2Page - STMicroelectronics STPS3170UF Datasheet HTML 3Page - STMicroelectronics STPS3170UF Datasheet HTML 4Page - STMicroelectronics STPS3170UF Datasheet HTML 5Page - STMicroelectronics STPS3170UF Datasheet HTML 6Page - STMicroelectronics STPS3170UF Datasheet HTML 7Page - STMicroelectronics STPS3170UF Datasheet HTML 8Page - STMicroelectronics STPS3170UF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS3170
2/10
DocID027020 Rev1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.59 x IF(AV) + 0.027 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
VRRM
Repetitive peak reverse voltage, Tj = -40 °C
160
V
IF(RMS)
Forward rms current
15
A
IF(AV)
Average forward current,
δ = 0.5, square wave
SMAflat, TL = 130 °C
3A
SMBflat, TL = 140 °C
IFSM
Surge non repetitive forward current, tp = 10 ms
sinusoidal
SMAflat
75
A
SMBflat
80
PARM
(1)
Repetitive peak avalanche power, square wave tp = 10 µs, Tj = 125 °C
210
W
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature(2)
-40 to +175
°C
1. For pulse time duration deratings, please refer toFigure 11. More details regarding the avalanche energy measurements
and diode validation in the avalanche are provided in the STMicroelectronics Application notes AN1768, “Admissible
avalanche power of Schottky diodes” and AN2025, “Converter improvement using Schottky rectifier avalanche
specification”.
2.
condition to avoid thermal runaway for a diode on its own heatsink
dP tot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead, SMAflat
20
°C/W
Junction to lead, SMBflat
15
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
4.0
µA
Tj = 125 °C
0.73
4.0
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 3 A
0.82
V
Tj = 125 °C
0.63
0.67
Tj = 25 °C
IF = 6 A
0.89
Tj = 125 °C
0.70
0.75
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com