Electronic Components Datasheet Search
  English  ▼

X  

STPTIC-33G2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPTIC-33G2
Description  Parascan™ tunable integrated capacitor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-33G2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPTIC-33G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 9Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 10Page - STMicroelectronics STPTIC-33G2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Reflow profile
STPTIC-33G2
8/11
DocID028149 Rev 1
3
Reflow profile
Figure 11. ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
Table 8. Recommended values for soldering reflow
Profile
Value
Typical
Max.
Temperature gradient in preheat (T = 70-180 °C)
0.9 °C/s
3 °C/s
Temperature gradient (T = 200-225 °C)
2 °C/s
3 °C/s
Peak temperature in reflow
240-245 °C
260 °C
Time above 220 °C
60 s
90 s
Temperature gradient in cooling
-2 to -3 °C/s
-6 °C/s
Time from 50 to 220 °C
160 to 220 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com