Electronic Components Datasheet Search
  English  ▼

X  

BTS441R Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS441R
Description  Smart Highside Power Switch One Channel: 20m??Status Feedback
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441R Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS441R Datasheet HTML 1Page - Infineon Technologies AG BTS441R Datasheet HTML 2Page - Infineon Technologies AG BTS441R Datasheet HTML 3Page - Infineon Technologies AG BTS441R Datasheet HTML 4Page - Infineon Technologies AG BTS441R Datasheet HTML 5Page - Infineon Technologies AG BTS441R Datasheet HTML 6Page - Infineon Technologies AG BTS441R Datasheet HTML 7Page - Infineon Technologies AG BTS441R Datasheet HTML 8Page - Infineon Technologies AG BTS441R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTS 441 R
Infineon Technologies AG
2
2003-Oct-01
Functional diagram
Pin Definitions and Functions
Pin
Symbol
Function
1
GND
Logic ground
2
IN
Input, activates the power switch in
case of logical high signal
3
Vbb
Positive power supply voltage
The tab is shorted to pin 3
4
ST
Diagnostic feedback, low on failure
5
OUT
Output to the load
Tab
Vbb
Positive power supply voltage
The tab is shorted to pin 3
Pin configuration
(top view)
Tab = VBB
1
2
(3)
4
5
GND IN
ST OUT
OUT
GND
overvoltage
protection
logic
internal
voltage supply
ESD
temperature
sensor
clamp for
inductive load
gate
control
+
charge
pump
current limit
Open load
detection
VBB
LOAD
IN
PROFET
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com