Electronic Components Datasheet Search
  English  ▼

X  

BTS550P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS550P
Description  Smart Highside High Current Power Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS550P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS550P Datasheet HTML 1Page - Infineon Technologies AG BTS550P Datasheet HTML 2Page - Infineon Technologies AG BTS550P Datasheet HTML 3Page - Infineon Technologies AG BTS550P Datasheet HTML 4Page - Infineon Technologies AG BTS550P Datasheet HTML 5Page - Infineon Technologies AG BTS550P Datasheet HTML 6Page - Infineon Technologies AG BTS550P Datasheet HTML 7Page - Infineon Technologies AG BTS550P Datasheet HTML 8Page - Infineon Technologies AG BTS550P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet BTS550P
Infineon Technologies AG
3
2003-Oct-01
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
RthJC7)
--
--
0.35
K/W
Junction - ambient (free air):
RthJA
--
30
--
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Tab to pins 1,5, see measurement
circuit page 8)
IL = 20 A, Tj = 25 °C:
VIN = 0, IL = 20 A, Tj = 150 °C:
RON
--
2.8
5.0
3.6
6.5
m
Ω
IL = 120 A, Tj = 150 °C:
--
6.5
Vbb = 6V8), IL = 20 A, Tj = 150 °C: RON(Static)
--
7
10
Nominal load current9) (Tab to pins 1,5)
ISO 10483-1/6.7: VON = 0.5 V, Tc = 85 °C 10)
IL(ISO)
90
115
--
A
Maximum load current in resistive range
(Tab to pins 1,5)
VON = 1.8 V, Tc = 25 °C:
see diagram on page 12
VON = 1.8 V, Tc = 150 °C:
IL(Max)
390
215
--
--
--
--
A
Turn-on time11)
IIN
to 90% VOUT:
Turn-off time
IIN
to 10% VOUT:
RL = 1
Ω , Tj =-40...+150°C
ton
toff
120
40
250
90
600
150
µs
Slew rate on 11) (10 to 30% VOUT )
RL = 1
Ω ,Tj =25°C
dV/dton
0.2
0.5
0.8
V/
µs
Slew rate off 11) (70 to 40% VOUT )
RL = 1
Ω ,Tj =25°C
-dV/dtoff
0.2
0.6
1
V/
µs
7)
Thermal resistance RthCH case to heatsink (about 0.25 K/W with silicone paste) not included!
8
)
Decrease of Vbb below 10 V causes a slowly a dynamic increase of RON to a higher value of RON(Static). As
long as VbIN > VbIN(u) max, RON increase is less than 10 % per second for TJ < 85 °C.
9)
not subject to production test, specified by design
10) TJ is about 105°C under these conditions.
11
) See timing diagram on page 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com