Electronic Components Datasheet Search
  English  ▼

X  

BTS555 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS555
Description  Smart Highside High Current Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS555 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS555 Datasheet HTML 8Page - Infineon Technologies AG BTS555 Datasheet HTML 9Page - Infineon Technologies AG BTS555 Datasheet HTML 10Page - Infineon Technologies AG BTS555 Datasheet HTML 11Page - Infineon Technologies AG BTS555 Datasheet HTML 12Page - Infineon Technologies AG BTS555 Datasheet HTML 13Page - Infineon Technologies AG BTS555 Datasheet HTML 14Page - Infineon Technologies AG BTS555 Datasheet HTML 15Page - Infineon Technologies AG BTS555 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet BTS555
Infineon Technologies AG
13
2003-Oct-01
Typ. current limitation characteristic
IL = f (VON, Tj )
IL [A]
0
100
200
300
400
500
600
700
800
900
1000
010
15
20
Tj = -40°C
25°C
85°C
150°C
VON(FB)
VON>VON(SC) only for t < td(SC)
(otherwise immediate shutdown)
VON [V]
In case of VON > VON(SC) (typ. 6 V) the device will be
switched off by internal short circuit detection.
Typ. on-state resistance
RON = f (Vbb, Tj ); IL = 30 A; VIN = 0
RON [mOhm]
0
1
2
3
4
5
6
0
5
10
15
20
static
dynamic
Tj = 150°C
85°C
25°C
-40°C
40
Vbb [V]
Typ. input current
IIN = f (VbIN), VbIN = Vbb - VIN
IIN [mA]
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
406080
VbIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com