Electronic Components Datasheet Search
  English  ▼

X  

PCF8574ADWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574ADWR
Description  Remote 8-Bit I/O Expander
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8574ADWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCF8574ADWR Datasheet HTML 8Page - Texas Instruments PCF8574ADWR Datasheet HTML 9Page - Texas Instruments PCF8574ADWR Datasheet HTML 10Page - Texas Instruments PCF8574ADWR Datasheet HTML 11Page - Texas Instruments PCF8574ADWR Datasheet HTML 12Page - Texas Instruments PCF8574ADWR Datasheet HTML 13Page - Texas Instruments PCF8574ADWR Datasheet HTML 14Page - Texas Instruments PCF8574ADWR Datasheet HTML 15Page - Texas Instruments PCF8574ADWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
To Interrupt
Logic
P0−P7
VCC
GND
C
S
I
D
Q
FF
C
S
I
D
Q
FF
Write Pulse
Data From
Shift Register
Power-On
Reset
Read Pulse
Data to
Shift Register
100 µA
PCF8574A
SCPS069F – JULY 2001 – REVISED NOVEMBER 2015
www.ti.com
Functional Block Diagram (continued)
8.2.2 Simplified Schematic Diagram of Each P-Port Input/Output
8.3 Feature Description
8.3.1 I2C Interface
I2C communication with this device is initiated by a master sending a start condition, a high-to-low transition on
the SDA I/O while the SCL input is high. After the start condition, the device address byte is sent, most-
significant bit (MSB) first, including the data direction bit (R/W). This device does not respond to the general call
address. After receiving the valid address byte, this device responds with an acknowledge, a low on the SDA I/O
during the high of the acknowledge-related clock pulse. The address inputs (A0–A2) of the slave device must not
be changed between the start and the stop conditions.
The data byte follows the address acknowledge. If the R/W bit is high, the data from this device are the values
read from the P port. If the R/W bit is low, the data are from the master, to be output to the P port. The data byte
is followed by an acknowledge sent from this device. If other data bytes are sent from the master, following the
acknowledge, they are ignored by this device. Data are output only if complete bytes are received and
acknowledged. The output data will be valid at time, tpv, after the low-to-high transition of SCL and during the
clock cycle for the acknowledge.
A stop condition, a low-to-high transition on the SDA I/O while the SCL input is high, is sent by the master.
8.3.2 Interface Definition
BIT
BYTE
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C slave address
L
H
H
H
A2
A1
A0
R/W
I/O data bus
P7
P6
P5
P4
P3
P2
P1
P0
12
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: PCF8574A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com