Electronic Components Datasheet Search
  English  ▼

X  

BTS730 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS730
Description  PWM Power Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS730 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS730 Datasheet HTML 1Page - Infineon Technologies AG BTS730 Datasheet HTML 2Page - Infineon Technologies AG BTS730 Datasheet HTML 3Page - Infineon Technologies AG BTS730 Datasheet HTML 4Page - Infineon Technologies AG BTS730 Datasheet HTML 5Page - Infineon Technologies AG BTS730 Datasheet HTML 6Page - Infineon Technologies AG BTS730 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BTS730
Application Note
Package Outline
P-DSO-20-6
Dimensions in mm
Dimensions in mm
Vbb
VREF
VC
GND
68nF
CB1
CB2
Ct
22nF
OUT
+
220nF
Vbb
12
3
4,5,6,7
14,15,16,17
8,9,10
11,12,13
18
19
20
150#
k
25 #
BTS730
Load
150# Resistor for reverse battery and load dump prodection
Dimming of dashboard lighting
Semiconductor Group
5
2003-Oct-01



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com