Electronic Components Datasheet Search
  English  ▼

X  

BTS933 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS933
Description  Smart Lowside Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS933 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS933 Datasheet HTML 1Page - Infineon Technologies AG BTS933 Datasheet HTML 2Page - Infineon Technologies AG BTS933 Datasheet HTML 3Page - Infineon Technologies AG BTS933 Datasheet HTML 4Page - Infineon Technologies AG BTS933 Datasheet HTML 5Page - Infineon Technologies AG BTS933 Datasheet HTML 6Page - Infineon Technologies AG BTS933 Datasheet HTML 7Page - Infineon Technologies AG BTS933 Datasheet HTML 8Page - Infineon Technologies AG BTS933 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
02.12.1998
Semiconductor Group
Page 2
BTS 933
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Unit
Value
Drain source voltage
VDS
60
V
Drain source voltage for short circuit protection
RCC = 0 Ω
without
RCC
VDS(SC)
15
50
Continuous input current 1)
-0.2V
≤ V
IN ≤ 10V
VIN < -0.2V or VIN > 10V
IIN
no limit
|
IIN | ≤ 2
mA
Operating temperature
Tj
°C
- 40 ... +150
Storage temperature
Tstg
- 55 ... +150
Power dissipation
TC = 25 °C
90
W
Ptot
Unclamped single pulse inductive energy
ID(ISO) = 7 A
2000
mJ
EAS
Electrostatic discharge voltage (Human Body Model)
according to MIL STD 883D, method 3015.7 and
EOS/ESD assn. standard S5.1 - 1993
VESD
3000
V
Load dump protection
VLoadDump2) = VA + VS
VIN=low or high; VA=13.5 V
td = 400 ms, RI = 2 Ω, ID=0,5*7A
td = 400 ms, RI = 2 Ω, ID= 7A
90
74
VLD
DIN humidity category, DIN 40 040
E
IEC climatic category; DIN IEC 68-1
40/150/56
Thermal resistance
junction - case:
RthJC
1.4
K/W
75
RthJA
junction - ambient:
SMD version, device on PCB: 3)
RthJA
45
1A sensor holding current of 500 µA has to be guaranted in the case of thermal shutdown (see also page 3)
2V Loaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
3Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm 2 (one layer, 70 µm thick) copper area for Drain connection. PCB is vertical
without blown air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com