Electronic Components Datasheet Search
  English  ▼

X  

BTS941 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS941
Description  Smart Lowside Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS941 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS941 Datasheet HTML 1Page - Infineon Technologies AG BTS941 Datasheet HTML 2Page - Infineon Technologies AG BTS941 Datasheet HTML 3Page - Infineon Technologies AG BTS941 Datasheet HTML 4Page - Infineon Technologies AG BTS941 Datasheet HTML 5Page - Infineon Technologies AG BTS941 Datasheet HTML 6Page - Infineon Technologies AG BTS941 Datasheet HTML 7Page - Infineon Technologies AG BTS941 Datasheet HTML 8Page - Infineon Technologies AG BTS941 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
02.12.1998
Semiconductor Group
Page 3
BTS 941
Electrical Characteristics
Parameter
Symbol
Unit
Values
max.
typ.
min.
at Tj=25°C, unless otherwise specified
Characteristics
-
Drain source clamp voltage
Tj = - 40 ...+ 150°C, ID = 10 mA
73
V
VDS(AZ)
60
-
IDSS
-
Off state drain current
VDS = 32 V, Tj = -40...+150 °C, VIN = 0 V
20
µA
1.7
2.2
VIN(th)
1.3
Input threshold voltage
ID = 2,7 mA
V
35
100
µA
IIN(1)
-
Input current - normal operation,
ID<ID(lim):
VIN = 10 V
270
Input current - current limitation mode,
ID=ID(lim):
VIN = 10 V
500
IIN(2)
-
2500
IIN(3)
1000
Input current - after thermal shutdown,
ID=0 A:
VIN = 10 V
4000
-
-
-
-
IIN(H)
500
300
Input holding current after thermal shutdown
Tj = 25 °C
Tj = 150 °C
31
52
34
68
m
Ω
RDS(on)
-
-
On-state resistance
ID = 12 A, VIN = 5 V, Tj = 25 °C
ID = 12 A, VIN = 5 V, Tj = 150 °C
25
45
On-state resistance
ID = 12 , VIN = 10 V, Tj = 25 °C
ID = 12 , VIN = 10 , Tj = 150
28
56
RDS(on)
-
-
ID(ISO)
12
Nominal load current (ISO 10483)
VIN = 10 V, VDS = 0.5 V, TC = 85 °C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com