Electronic Components Datasheet Search
  English  ▼

X  

EC35A Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC35A
Description  35mm Size Ring Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC35A Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC35A Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC35A Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC35A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
299
EC35A 35mm Size Ring Type
A low-profile unit with 4.5mm height and
good operation feel
Dimensions
Unit:mm
Style
2-3.5
2-1.5
4.5
3-8
20
36.5
3-14.5
29.4
36
2-36.4
2-28.6
4-4.4
1.5
2-1.5
35
ø35
2-12
Y
Y
X
X
2-11.5
3-ø1
hole
90°
90°
A C
5
B
PC board mounting hole dimensions
(Viewed from mounting side)
■ Typical Specifications
Items
Specifications
Rating
10mA 5V DC
Operating life
50,000 cycles
Operating temperature range
−40℃ to +85℃
Output Wave
Sliding Noise
V1=V2=2.5V max.
At R = 5kΩ
Chattering : 5ms max. Bounce : 5ms max.
5V DC
RR
Terminal B
Terminal A
Terminal C
Encoder
Test circuit
tt
V1
V2
ON
ON
OFF
Output waveform
Sliding direction
t : Masking time to avoid chattering
Measurement condition:Rotation speed 360
˚/s
A signal
B signal
ON
ON
OFF
OFF
Detent stability position
CW direction
Refer to P.307 for soldering conditions.
Do not wire the shaded area
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
420
840
360×540×380
Packing Specifications
Tray
Product Line
Product No.
Actuator length
(mm)
Number of detent
Number of pulse
Detent torque
(mN・m)
30
15
420
840
20
18±7
EC35A1520402
Minimum order unit(pcs.)
Japan
Export


Similar Part No. - EC35A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC35A ALPS-EC35A Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
List of Unclassifed Man...
EC35A1520402 ETC-EC35A1520402 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
EC35A1550502 ETC-EC35A1550502 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC35AH ALPS-EC35AH Datasheet
148Kb / 2P
35mm Size ABC Switch
EC35AH ALPS-EC35AH Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
More results

Similar Description - EC35A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC35AH ALPS-EC35AH Datasheet
148Kb / 2P
35mm Size ABC Switch
EC35B ALPS-EC35B Datasheet
182Kb / 2P
35mm Size Composite Operation Type
EC21A ALPS-EC21A_15 Datasheet
1Mb / 4P
21mm Size Ring Type
EC28A ALPS-EC28A_15 Datasheet
1Mb / 3P
28mm Size Ring Type
EC35AH ALPS-EC35AH_15 Datasheet
856Kb / 4P
35mm Size ABC Switch Type
EC35B ALPS-EC35B_15 Datasheet
1Mb / 3P
35mm Size Composite Operation Type
EC40A ALPS-EC40A_15 Datasheet
724Kb / 3P
40mm Size Ring Type
EC45A ALPS-EC45A_15 Datasheet
694Kb / 3P
45mm Size Ring Type
EC50A ALPS-EC50A Datasheet
763Kb / 3P
50mm Size Ring Type
EC60B ALPS-EC60B Datasheet
792Kb / 3P
60mm Size Ring Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com