Electronic Components Datasheet Search
  English  ▼

X  

EC21C Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21C
Description  21mm Size Ring Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21C Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  EC21C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type
Ring type
21mm size
28mm size
35mm size
Series
EC21A
EC21C
EC28A
EC35A
EC35AH
EC35B
Photo
Output
Incremental
(Two phase A and B )
Incremental
( Three phase A, B and C)
Incremental
(Two phase A and B )/
Self-return switch
Shaft types
Ring type
Number of pulse /
Number of detent
9/18
15/30
15/30
15/30
18/18
15/30
6×ABC/18
10×ABC/30
15/30
Dimensions
(mm)
W
21.6
22
28
35
35
D
21.6
29
37
H
4
4.5
12.1
Operating temperature range
−40℃ to +85℃
Operating life
50,000 cycles
30,000 cycles
Automotive use
●
●
●
●
●
●
Life cycle (availability)
Electrical
performance
Rating
10mA 5V DC
Max./min. operating
current(Resistive load)
10mA / 1mA
Insulation resistance
100MΩ min. 250V DC
Voltage proof
300V AC for 1minute
or 360V AC for 2s
300V AC for 1minute
or 360V AC for 1s
300V AC for 1minute or 360V AC for 2s
300V AC for 1minute
or 360V AC for 1s
Mechanical
performance
Detent torque
7±5mN・m
16±7mN・m
17±8mN・m(Initial)
12+7
− 4 mN・m
7±5mN・m
12±7mN・m
20±10mN・m
18±7mN・m
12±5mN・m
18±7mN・m
30±15mN・m
20±10mN・m
Push-pull
strength
Push
100N
Pull
100N
Shaft configuration
Ring type
Terminal type
Insertion
Switch
Specifications
Switch type
—
—
—
—
—
Self-return
switch
Contact
arrangement
—
—
—
—
—
Single pole and
double throw
Travel(mm)
—
—
—
—
—
2.8±0.5
Operating force(N)
—
—
—
—
—
3.8±1.5
Switch ON position
—
—
—
—
—
15°±5°
Rotational torque
—
—
—
—
—
40±25mN・m
Rating
—
—
—
—
—
10mA 5V DC
Contact resistance
—
—
—
—
—
200mΩ max.
Operating life
—
—
—
—
—
15,000 cycles
Page
296
298
299
300
302
Encoders Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 307
Encoders Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 308
Note
● Indicates applicability to all products in the series.
(After reflow)
265
NEW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com