Electronic Components Datasheet Search
  English  ▼

X  

BTS3142D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS3142D
Description  Smart Lowside Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3142D Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS3142D Datasheet HTML 1Page - Infineon Technologies AG BTS3142D Datasheet HTML 2Page - Infineon Technologies AG BTS3142D Datasheet HTML 3Page - Infineon Technologies AG BTS3142D Datasheet HTML 4Page - Infineon Technologies AG BTS3142D Datasheet HTML 5Page - Infineon Technologies AG BTS3142D Datasheet HTML 6Page - Infineon Technologies AG BTS3142D Datasheet HTML 7Page - Infineon Technologies AG BTS3142D Datasheet HTML 8Page - Infineon Technologies AG BTS3142D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2002-09-04
Page 3
BTS 3142 D
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = 25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Drain source clamp voltage
Tj = - 40 ...+ 150, ID = 10 mA
VDS(AZ)
42
-
55
V
Off-state drain current Tj = -40 ... +150°C
VDS = 32 V, VIN = 0 V
IDSS
-
1.5
20
µA
Input threshold voltage
ID = 1.2 mA, Tj = 25 °C
ID = 1.2 mA, Tj = 150 °C
VIN(th)
1.3
0.8
1.7
-
2.2
-
V
On state input current
IIN(on)
-
10
30
µA
On-state resistance
VIN = 5 V, ID = 4.6 A, Tj = 25 °C
VIN = 5 V, ID = 4.6 A, Tj = 150 °C
RDS(on)
-
-
27
54
34
68
m
Ω
On-state resistance
VIN = 10 V, ID = 4.6 A, Tj = 25 °C
VIN = 10 V, ID = 4.6 A, Tj = 150 °C
RDS(on)
-
-
23
46
28
56
Nominal load current
Tj < 150°C, VIN = 10 V, TA = 85 °C, SMD 1)
ID(Nom)
4.6
-
-
A
Nominal load current
VIN = 10 V, VDS = 0.5 V, TC = 85 °C, Tj < 150°C
ID(ISO)
12.6
-
-
Current limit (active if VDS>2.5 V)2)
VIN = 10 V, VDS = 12 V, tm = 200 µs
ID(lim)
30
45
55
1@ 6 cm2 cooling area
2Device switched on into existing short circuit (see diagram Determination of ID(lim)). If the device is in on condition
and a short circuit occurs, these values might be exceeded for max. 50 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com