Electronic Components Datasheet Search
  English  ▼

X  

LSM303AGR Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM303AGR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM303AGR Datasheet HTML 23Page - STMicroelectronics LSM303AGR Datasheet HTML 24Page - STMicroelectronics LSM303AGR Datasheet HTML 25Page - STMicroelectronics LSM303AGR Datasheet HTML 26Page - STMicroelectronics LSM303AGR Datasheet HTML 27Page - STMicroelectronics LSM303AGR Datasheet HTML 28Page - STMicroelectronics LSM303AGR Datasheet HTML 29Page - STMicroelectronics LSM303AGR Datasheet HTML 30Page - STMicroelectronics LSM303AGR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
DocID027765 Rev 5
27/68
LSM303AGR
Functionality
68
4.2.2
Accelerometer 6D / 4D orientation detection
The LSM303AGR includes 6D / 4D orientation detection which applies only to the
accelerometer.
In this configuration the interrupt is generated when the device is stable in a known
direction. In 4D configuration, detection of the position of the Z-axis is disabled.
4.2.3
Accelerometer activity/inactivity function
The Activity/Inactivity recognition function allows reducing the power consumption of the
accelerometer block in order to supply other smart applications and is applicable only to the
accelerometer block of the device.
When the Activity/Inactivity recognition function is activated, accelerometer is able to
automatically go to 10 Hz sampling rate and to wake up as soon as the interrupt event has
been detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from/to low-power mode to full
performance depending on user-selectable positioning and acceleration events, thus
ensuring power saving and flexibility.
The Activity/Inactivity recognition function is activated by writing the desired threshold in the
Act_THS_A (3Eh) register. The high-pass filter is automatically enabled.
Table 16. Activity/Inactivity function control registers
When the acceleration becomes smaller than the threshold for at least the duration
(8*ACT_DUR+1)/ODR, the ODR [3:0] bits of CTRL_REG1_A (20h) are bypassed (Inactivity)
and internally set to 10 Hz (ODR [3:0] = 0010), but the content of the CTRL_REG1_A
(20h)(ODR [3:0]) bits are left untouched.
When the acceleration becomes greater than the threshold (Act_THS_A (3Eh)),
CTRL_REG1_A (20h) is restored immediately (Activity).
Once the Activity/Inactivity detection function is enabled, it will be applied to the INT_2 pin
by setting the CTRL_REG6_A (25h) (P2_ACT) bit to ‘1’.
To disable the Activity/Inactivity detection function, set the content of the Act_THS_A (3Eh)
register to 00h.
1344
--
185
185
1620
100
--
--
5376
185
--
--
Table 15. Current consumption of operating modes (continued)
Operating
mode [Hz]
Low-power mode
(8-bit data output)
[μA]
Normal mode
(10-bit data output)
[μA]
High resolution
(12-bit data output)
[μA]
Register
LSB value
ACT_THS_A
Full scale / 128 [mg]
ACT_DUR_A
8/ODR [s]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com