Electronic Components Datasheet Search
  English  ▼

X  

LSM303AGRTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM303AGRTR
Description  Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGRTR Datasheet(HTML) 1 Page - STMicroelectronics

  LSM303AGRTR Datasheet HTML 1Page - STMicroelectronics LSM303AGRTR Datasheet HTML 2Page - STMicroelectronics LSM303AGRTR Datasheet HTML 3Page - STMicroelectronics LSM303AGRTR Datasheet HTML 4Page - STMicroelectronics LSM303AGRTR Datasheet HTML 5Page - STMicroelectronics LSM303AGRTR Datasheet HTML 6Page - STMicroelectronics LSM303AGRTR Datasheet HTML 7Page - STMicroelectronics LSM303AGRTR Datasheet HTML 8Page - STMicroelectronics LSM303AGRTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
November 2015
DocID027765 Rev 5
1/68
LSM303AGR
Ultra-compact high-performance eCompass module:
ultra-low-power 3D accelerometer and 3D magnetometer
Datasheet
- preliminary data
Features
 3 magnetic field channels and 3 acceleration
channels
 ±50 gauss magnetic dynamic range
 ±2/±4/±8/16 g selectable acceleration full
scales
 16-bit data output
 SPI / I2C serial interfaces
 Analog supply voltage 1.71 V to 3.6 V
 Power-down mode / low-power mode
 Programmable interrupt generators for free-
fall, motion detection and magnetic field
detection
 Embedded self test
 Embedded temperature sensor
 Embedded FIFO
 ECOPACK®, RoHS and “Green” compliant
Applications
 Tilt-compensated compasses
 Map rotation
 Position detection
 Motion-activated functions
 Free-fall detection
 Click/double-click recognition
 Pedometers
 Intelligent power saving for handheld devices
 Display orientation
 Gaming and virtual reality input devices
 Impact recognition and logging
 Vibration monitoring and compensation
Description
The LSM303AGR is an ultra-low-power high-
performance system-in-package featuring a 3D
digital linear acceleration sensor and a 3D digital
magnetic sensor.
The LSM303AGR has linear acceleration full
scales of ±2g/±4g/±8g/
16g and a magnetic field
dynamic range of ±50 gauss.
The LSM303AGR includes an I2C serial bus
interface that supports standard, fast mode, fast
mode plus, and high-speed (100 kHz, 400 kHz,
1 MHz, and 3.4 MHz) and an SPI serial standard
interface.
The system can be configured to generate an
interrupt signal for free-fall, motion detection and
magnetic field detection.
The magnetic and accelerometer blocks can be
enabled or put into power-down mode separately.
The LSM303AGR is available in a plastic land
grid array package (LGA) and is guaranteed to
operate over an extended temperature range
from -40 °C to +85 °C.
Table 1. Device summary
Part number
Temp.
range [°C]
Package Packaging
LSM303AGR
-40 to +85
LGA-12
Tray
LSM303AGRTR -40 to +85
LGA-12
Tape and
reel
www.st.com


Similar Part No. - LSM303AGRTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
More results

Similar Description - LSM303AGRTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
LSM303C STMICROELECTRONICS-LSM303C Datasheet
1Mb / 53P
Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
13-Jun-2014
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
31-Oct-2017
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
3D Magnetometer
logo
STMicroelectronics
LSM303AH STMICROELECTRONICS-LSM303AH Datasheet
1Mb / 82P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
28-Nov-2018
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
3D Magnetometer
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com