Electronic Components Datasheet Search
  English  ▼

X  

MCC Datasheet(PDF) 3 Page - XP Power Limited

Part # MCC
Description  400 W Regulated Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MCC Datasheet(HTML) 3 Page - XP Power Limited

  MCC Datasheet HTML 1Page - XP Power Limited MCC Datasheet HTML 2Page - XP Power Limited MCC Datasheet HTML 3Page - XP Power Limited MCC Datasheet HTML 4Page - XP Power Limited MCC Datasheet HTML 5Page - XP Power Limited MCC Datasheet HTML 6Page - XP Power Limited MCC Datasheet HTML 7Page - XP Power Limited MCC Datasheet HTML 8Page - XP Power Limited MCC Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
xppower.com
3
Electromagnetic Compatibility
Configuration Options
Standard
Test Level
Criteria
Notes & Conditions
Conducted Emissions
MIL-STD-461E/F
CE102
Conducted Susceptibility
DEF-STAN 59-411
DCE01/DCE02
MIL-STD-461E/F
CS101, CS114
CS115, CS116
Conducted Immunity
MIL-STD-1275A-D
Spikes, Surges, Ripple
±250 V for 100 μs, 100 V for
50 ms, 14 VAC pk-pk
Surges are with 0.5 Ω
source impedance
MIL-STD-704A
600 V Input transient
10 μs 50 Ω source impedance
MIL-STD-704B-F
50 V for 10 ms
DEF-STAN 61-5
part 6 issue 5
Input Filtering.
Surge & Spike Protection
Optional
Non-Regulated Output
Output 1: Type 3
200W Max, 2-48 VDC
Output 2: Type 3
200W Max, 2-48 VDC
DUAL OUTPUT MODELS
I/P
0/P 1
0/P 2
Aux.
0/P
DC OK Signal
Input Filtering.
Surge & Spike Protection
Optional
Non-Regulated Output
Output 1: Type 4
400W Max, 2-48 VDC
SINGLE OUTPUT MODELS
I/P
0/P 1
Aux.
0/P
Input Filtering.
Surge & Spike Protection
Optional
Non-Regulated Output
Output 1: Type 2
100W Max, 2-48 VDC
Output 2: Type 2
100W Max, 2-48 VDC
Output 3: Type 2
100W Max, 2-48 VDC
Output 4: Type 2
100W Max, 2-48 VDC
QUAD OUTPUT MODELS
I/P
0/P 1
0/P 2
0/P 4
0/P 3
Aux.
0/P
DC OK Signal
Input Filtering.
Surge & Spike Protection
Optional
Non-Regulated Output
Output 1: Type 3
200W Max, 2-48 VDC
Output 2: Type 2
100W Max, 2-48 VDC
Output 3: Type 2
100W Max, 2-48 VDC
TRIPLE OUTPUT MODELS
I/P
0/P 1
0/P 2
0/P 3
Aux.
0/P
DC OK Signal
Example: 28 Vout @ 400 W, with auxiliary output
and DC OK. P/n MCC6S4QSD
Example: ±12 Vout @ 200 W each, no auxiliary
output and no DC OK. P/n MCC4D3J3JS
Example: 5 Vout @ 200 W, ±15 Vout @ 100 W each,
with auxiliary output, stress-screened components and
DC OK. P/n MCC6T3D2L2LED
Example: 3.3 Vout @100 W, 5 Vout @ 100 W, ±12 Vout @ 100 W
each, no auxiliary output, stress-screened components and
DC OK. P/n MCC4Q2C2D2J2JSD
Figure 1. Configuration Options



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com