Electronic Components Datasheet Search
  English  ▼

X  

M34E04B Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 1 Page - STMicroelectronics

  M34E04B Datasheet HTML 1Page - STMicroelectronics M34E04B Datasheet HTML 2Page - STMicroelectronics M34E04B Datasheet HTML 3Page - STMicroelectronics M34E04B Datasheet HTML 4Page - STMicroelectronics M34E04B Datasheet HTML 5Page - STMicroelectronics M34E04B Datasheet HTML 6Page - STMicroelectronics M34E04B Datasheet HTML 7Page - STMicroelectronics M34E04B Datasheet HTML 8Page - STMicroelectronics M34E04B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
October 2015
DocID028428 Rev 1
1/35
M34E04B
4-Kbit Serial Presence Detect (SPD) EEPROM compatible
with JEDEC EE1004
Datasheet
- production data
Features
• 512-byte Serial Presence Detect EEPROM
compatible with JEDEC EE1004 specification
• Compatible with SMBus serial interface:
– up to 1 MHz transfer rate
• EEPROM memory array:
– 4 Kbits organized as two pages of
256 bytes each
– Each page is composed of two 128-byte
blocks
• No hardware write protection
• Software data protection for each 128-byte
block
• Write:
– Byte Write within 5 ms
– 16 bytes Page Write within 5 ms
• Noise filtering:
– Schmitt trigger on bus inputs
– Noise filter on bus inputs
• Single supply voltage:
– 1.7 V to 3.6 V
• Operating temperature range:
– from 0 °C up to +95 °C
• Enhanced ESD/latch-up protection
• More than 4million Write cycles
• More than 200-year data retention
• RoHS-compliant and halogen-free 8-lead ultra
thin fine pitch dual flat no lead package
(ECOPACK2®)
UFDFPN8 (MC)
2 x 3 mm
www.st.com


Similar Part No. - M34E04B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34E04 STMICROELECTRONICS-M34E04 Datasheet
559Kb / 32P
Enhanced ESD/latch-up protection
12-Nov-2014
More results

Similar Description - M34E04B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
27-Dec-1999
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
2K-Bit I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
STMicroelectronics
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
24-Nov-2004
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W Datasheet
279Kb / 6P
Based on Serial Presence Detect 2Kbit(256X8bit) Serial EEPROM
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com