Electronic Components Datasheet Search
  English  ▼

X  

TAK7 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # TAK7
Description  Phase Control SCR 1200 Amperes Average 4400 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TAK7 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  TAK7 Datasheet HTML 1Page - Powerex Power Semiconductors TAK7 Datasheet HTML 2Page - Powerex Power Semiconductors TAK7 Datasheet HTML 3Page - Powerex Power Semiconductors TAK7 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
Phase Control SCR
www.pwrx.com
1200 Amperes Average
4400 Volts
Revision Date: 03/26/2010
TAK7
1200A
®
TAK7 120A
(Outline Drawing)
Ordering Information
:
Select the complete 12 digit module part number from the table below.
Example: TAK7441202DH is a 4400V 1200A Phase Control SCR.
Voltage
Current
Turn-off Time
Gate Current
Lead
Type
VRRM
(Volts)
IT(av)
(A)
tq
(µsec)
IGT
(mA)
Code
TAK7
36
40
44
3600V
4000V
4400V
12
1200A
0
500 µsec
(Typical)
2
300 mA
DH
12”
Description:
Powerex Silicon Controlled
Rectifiers (SCR) are designed for
phase control applications. These
are all-diffused, Press-Pak,
hermetic Pow-R-Disc devices
employing the field proven
amplifying gate.
Features:
Low On-State Voltage
High di/dt Capability
High dv/dt Capability
Hermetic Packaging
Excellent Surge and I
2t Ratings
Applications:
Power Supplies
Battery Chargers
Static VAR
TAK7 1200A Phase Control SCR
1200 Amperes Average, 4400 Volts


Similar Part No. - TAK7

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TAK71200A POWEREX-TAK71200A Datasheet
335Kb / 4P
Phase Control SCR 1200 Amperes Average 4400 Volts
TAK7361202DH POWEREX-TAK7361202DH Datasheet
335Kb / 4P
Phase Control SCR 1200 Amperes Average 4400 Volts
TAK7401202DH POWEREX-TAK7401202DH Datasheet
335Kb / 4P
Phase Control SCR 1200 Amperes Average 4400 Volts
TAK7441202DH POWEREX-TAK7441202DH Datasheet
335Kb / 4P
Phase Control SCR 1200 Amperes Average 4400 Volts
More results

Similar Description - TAK7

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
2N3884-2N3895 POWEREX-2N3884-2N3895 Datasheet
653Kb / 4P
Phase Control SCR 175 Amoeres Average 1200 Volts
C180B POWEREX-C180B Datasheet
854Kb / 4P
Phase Control SCR 150 Amperes Average 1600 Volts
C390X555 POWEREX-C390X555 Datasheet
792Kb / 4P
Phase Control SCR 590 Amperes Average 1200 Volts
C451 POWEREX-C451 Datasheet
498Kb / 4P
Phase Control SCR 1500 Amperes Average 2400 Volts
C784CM POWEREX-C784CM Datasheet
170Kb / 4P
Phase Control SCR 1650 Amperes Average 3600-4400 Volts
T7600230 POWEREX-T7600230 Datasheet
665Kb / 4P
Phase Control SCR (300 Amperes Average 2000 Volts)
T9G01200A POWEREX-T9G01200A Datasheet
487Kb / 4P
Phase Control SCR (1200 Amperes Average 2400 Volts)
C451PM POWEREX-C451PM Datasheet
514Kb / 4P
Phase Control SCR 1500 Amperes Average 2400 Volts
TAK71200A POWEREX-TAK71200A Datasheet
335Kb / 4P
Phase Control SCR 1200 Amperes Average 4400 Volts
TA201600A POWEREX-TA201600A_13 Datasheet
838Kb / 4P
Phase Control SCR 1600 Amperes Average 2400 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com