Electronic Components Datasheet Search
  English  ▼

X  

TDS43040 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # TDS43040
Description  Phase Control Thyristor 2850 Amperes 800 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TDS43040 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  TDS43040 Datasheet HTML 1Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 2Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 3Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 4Page - Powerex Power Semiconductors TDS43040 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TDS4__4002
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697 www.pwrx.com
(724)925-7272
4000Amperes 3000Volts
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Units
Repetitive Peak Voltage
VDRM-VRRM
3000
Volts
Average On-State Current, TC=70°C
IT(Avg.)
4000
A
RMS On-State Current, TC=70°C
IT(RMS)
6283
A
Average On-State Current, TC=55°C
IT(Avg.)
4700
A
RMS On-State Current, TC=55°C
IT(RMS)
7383
A
Peak One Cycle Surge Current, 60Hz, VR=0V
ITSM
80,000
A
Peak One Cycle Surge Current, 50Hz, VR=0V
ITSM
75,424
A
Fuse Coordination I
2t, 60Hz
I
2t
2.67E+07
A
2s
Fuse Coordination I
2t, 50Hz
I
2t
2.84E+07
A
2s
Critical Rate-of-Rise of On-State Current
di/dt
100
A/us
Repetitive
Critical Rate-of-Rise of On-State Current
di/dt
300
A/us
Non-Repetitive
Peak Gate Power, 100us
PGM
16
Watts
Average Gate Power
PG(avg)
5
Watts
Operating Temperature
Tj
-40 to+125
°C
Storage Temperature
TStg.
-50 to+150
°C
Approximate Weight
6.5
lb
2.95
Kg
Mounting Force
16,000-20,000
lbs
71.2 - 89.0
KNewtons
Information presented is based upon limited testing or projected capabilities.
This information is subject to change without notice. The manufacturer makes
no claim as to suitability for use, reliability, capability or future availability of this
product.
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com