Electronic Components Datasheet Search
  English  ▼

X  

TDS42440 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # TDS42440
Description  Phase Control Thyristor 2850 Amperes 800 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TDS42440 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  TDS42440 Datasheet HTML 1Page - Powerex Power Semiconductors TDS42440 Datasheet HTML 2Page - Powerex Power Semiconductors TDS42440 Datasheet HTML 3Page - Powerex Power Semiconductors TDS42440 Datasheet HTML 4Page - Powerex Power Semiconductors TDS42440 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TDS4__4002
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697 www.pwrx.com
(724)925-7272
4000Amperes 3000Volts
Electrical Characteristics, Tj=25°C unless otherwise specified
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Repetitive Peak Forward
Leakage Current
IDRM
Tj=125°C, VDRM=Rated
250
ma
Repetitive Peak Reverse
Leakage Current
IRRM
Tj=125°C, VRRM=Rated
250
ma
Peak On-State Voltage
VTM
Tj=125°C, ITM=4000A
1.38
V
VTM Model, Low Level
V0
Tj=125°C
0.942
V
VTM = VO + r•ITM
r
15%
ITM - π•ITM
9.79E-02
mΩ
VTM Model, High Level
V0
Tj=125°C
1.175
V
VTM = VO + r•ITM
r
π•I
TM - ITSM
7.45E-02
mΩ
VTM Model, High Level
4-Term
A
Tj=125°C
-0.257
VTM= A + B•Ln(ITM) +
B
15%ITM - ITSM
0.185
C•(I
TM) + D•(ITM)
½
C
7.73E-05
D
-3.20E-03
Turn-On Delay Time
td
VD = 0.5•VDRM
3
us
Gate Drive: 40V - 20Ω
Turn-Off Time
tq
Tj=125°C
600
us
dv/dt = 20V/us to 67% VDRM
dv/dt(Crit)
dv/dt
Tj=125°C Exp. Waveform
800
V/us
VD =67% Rated
Gate Trigger Current
IGT
Tj=25°C VD = 12V
30
150
300
ma
Gate Trigger Voltage
VGT
0.8
2.0
5.0
V
Peak Reverse Gate Voltage
VGRM
5
V
Reverse Recovery Currrent
IR(Rec)
Tj=125°C VR = 100V
300
A
Reverse Recovery Charge
QRA
10,500
µCoul
Thermal Characteristics
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Thermal Resistance
Junction to Case
RΘ
jc
Double side cooled
0.0065
0.0070
°C/Watt
Case to Sink
RΘ
cs
Double side cooled
0.001
0.0015
°C/Watt
Thermal Impedance Model
ZΘ
jc
Double side cooled
ZΘ
jc(t) = Σ(A(N)•(1-exp(-t/Tau(N))))
where:
N =
1
2
3
4
A(N
) = 1.43E-04 9.08E-04 2.37E-03
3.50E-03
Tau(N) = 2.62E-03 2.31E-02 3.05E-01
3.60E+00
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com