Electronic Components Datasheet Search
  English  ▼

X  

RDC50 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC50
Description  Rotary sensors catering to diverse position detection needs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC50 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RDC50 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
478
478
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
I max.
H max.
300
200
100
Room
temperature
Pre-heating
E max.
Time(s)
A
B
C
D
F max.
G max.
Series
Tip temperature
Soldering time
RDC50, RDC90, RDC80
350±5℃
3 s
RDC10, RD7
350℃ max.
3s max.
Series
Preheating
Dip soldering
No. of solders
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RDC501, RDC502
100 to 150℃
1minute max.
260±5℃
10±1s
1 time
RD7
100℃ max.
1minute max.
260℃ max.
5s max.
1 time
+1
0
1. Cleaning Cleaning should not be attempted.
2. Type of solder to be used Use cream solder that contains 10 to 15 %wt flux.
3. Number of solder applications - apply solder only once
4. Recommended reflow conditions
1. When using an infrared reflow oven, solder may not always be applied as intended.
Be sure to use a hot air reflow oven or a type that uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the sensor when employing a hot air
  reflow method. The temperature of the PC board and the surface temperature of the sensor may vary greatly depending
 on the PC board material, its size and thickness. Ensure that the surface temperature of the sensor does not rise to 250℃
  or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Resistive Position Sensors / Soldering Conditions
Series
A
B
C
D
E
F
G
H
I
No. of
reflows
RDC503
RDC506
250℃
230℃
180℃
150℃
2min.
ー
5s
40s
4min.
1 time
RDC90
255℃
230℃
ー
ー
ー
2min.
10s
1min.
4min.
1 time
RDC80
250℃
ー
180℃
150℃
90±30s
ー
10±1s
ー
ー
1 time



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com