Electronic Components Datasheet Search
  English  ▼

X  

RK45C Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK45C
Description  This LED illuminated ring potentiometer is best suited for knob design of various set devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK45C Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK45C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK45C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK45C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
385
385
This LED illuminated ring potentiometer is best suited
for knob design of various set devices
45mm Size LED Illuminated Ring Type
RK45B
RK45C
1. Other varieties are also available. Please inquire.
2. We can also provide LED colors other than the above mentioned. Please contact us if required.
Notes
Product Line
Packing Specifications
Tray
■ Typical Specifications
Items
Specifications
RK45B
RK45C
Contact resistance
±20%
Maximum operating voltage
50V AC, 30V DC
Detent torque
180°±5°
(Customizable up to 270°)
220°±5°
(Customizable up to 290°)
Operating life
30,000 cycles
Operating temperature range
−40℃ to +85℃
Refer to P.386 for soldering conditions.
Red
B
8
17
180°±5°
220°±5°
55±20
40±16
RK45B1A00001
RK45B1A00002
RK45C1A00003
Product No.
1
2
Drawing
No.
LED
Resistance
taper
5kΩ
Total
resistance
Number of
positions
Rotational
angle
Detent torque
(mN・m)
200
200
400
Minimum order unit(pcs.)
Japan
Export
Products No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan
1 case / export packing
RK45B
200
200
540×360×205
RK45C
200
400
540×360×380


Similar Part No. - RK45C

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK45C1A00003 ALPS-RK45C1A00003 Datasheet
249Kb / 2P
45mm LED Illuminated Potentiometer
logo
List of Unclassifed Man...
RK45C1A00003 ETC-RK45C1A00003 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - RK45C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
Vishay Siliconix
PA16 VISHAY-PA16 Datasheet
127Kb / 5P
Knob Potentiometer
19-Dec-07
logo
ALPS ELECTRIC CO.,LTD.
RK39A ALPS-RK39A Datasheet
143Kb / 2P
39mm LED Illuminated Potentiometer
RK45B ALPS-RK45B Datasheet
249Kb / 2P
45mm LED Illuminated Potentiometer
logo
Vishay Siliconix
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
Knob Potentiometer
19-Mar-12
logo
ALPS ELECTRIC CO.,LTD.
RK39A ALPS-RK39A_15 Datasheet
1Mb / 3P
This LED illuminated ring potentiometer is best suited for knob design of various set devices
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
9.5mm width potentiometer ideal for various types of control
logo
Vishay Siliconix
P16 VISHAY-P16 Datasheet
115Kb / 5P
Knob Potentiometer
17-Nov-17
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
Knob Potentiometer
14-Dec-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com