Electronic Components Datasheet Search
  English  ▼

X  

RK271 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RK271
Description  High performance potentiometer with excellent operational feel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK271 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RK271 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
312
List of Varieties
Metal Shaft Potentiometers
Type
16mm size
20mm size
27mm size
50mm size
Rotary motor-driven
Series
RK163
RK203/EC20A
RK271
RK501
RK168
Single-shaft
Number of resistor elements
Single/dual
Single
Single/dual/quad
Dual/quad
Dual/quad/5-ganged/6-ganged
Photo
Terminal mounting
Horizontal
Vertical
Horizontal
Fixing method of bushing
Bushing screw clamp
Operating temperature range
−10℃ to +70℃
RK203:−40℃ to +85℃
EC20A:−30℃ to +80℃
−10℃ to +70℃
Operating life
15,000 cycles
30,000 cycles
15,000 cycles
Available for automotive use
—
〇
—
—
—
Life cycle (availability)
Electrical
performance
Total resistance
(k Ω)
5, 10, 20, 50,
100, 200
10
5, 10, 20, 50,
100, 250
10, 20, 50, 100
Resistance taper
15A, 1B, 3B, 15C
B
15A, 3B
Rated Power
0.1W
0.05W(15A)
0.05W
0.1W
0.05W
Residual
resistance
R≦10kΩ 20Ω max.
10kΩ<R≦50kΩ 30Ω max.
50kΩ<R<3MΩ
Nominal total resistance of
0.1% or less%
—
R≦10kΩ 20Ω max.
10kΩ<R<50kΩ 30Ω max.
50kΩ≦R
Nominal total resistance of
0.1% or less%
—
—
Maximum
attenuation
(Volume control)
5kΩ≦R< 10kΩ70dB min.
10kΩ≦R< 50kΩ80dB min.
50kΩ≦R<100kΩ90dB min.
100kΩ≦R
100dB min.
5kΩ≦R< 10kΩ70dB min.
10kΩ≦R< 50kΩ80dB min.
50kΩ≦R<100kΩ90dB min.
100kΩ≦R
100dB min.
120dB min.
5kΩ≦R< 10kΩ70dB min.
10kΩ≦R< 50kΩ80dB min.
50kΩ≦R<100kΩ90dB min.
100kΩ≦R
100dB min.
Gang error applicable
to Dual-unit parts for
audio volume control
purposes
−40dB to 0dB
3dB max.
—
−70dB to −60dB 3dB max.
−60dB to 0dB 2dB max.
−100dB to 0dB
2dB max.
−60dB to −40dB 5dB max.
−40dB to 0dB 3dB max.
Insulation
resistance
100MΩ min. 500V DC 10MΩ min. 250V DC
100MΩ min. 500V DC
100MΩ min. 250V DC
Voltage proof
500V AC
for 1minute
300V AC
for 1minute
500V AC for 1minute
300V AC
for 1minute
Center-taps
Without
Mechanical
performance
Detent
Without, Center,
21, 31, 41
17
Without, Center,
21, 31, 41
Without
Stopper strength
0.9
0.5
0.9
1.5
0.9
Push-pull strength
100N max.
150N max.
100N max.
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Shaft style
Serrated type,
Flat type, Slotted type
Flat type
Slotted type, Flat type
Slotted type
Flat type
Terminal style
Insertion, Lead
Insertion
Attached switch
—
EC20A: Momentary
push switch
—
—
—
Page
332
337
340
344
346
Metal Shaft Potentiometers Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 349
Potentiometers Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
Note
○ Indicates applicability to some products in the series.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com