Electronic Components Datasheet Search
  English  ▼

X  

RK501 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK501
Description  High sound quality, good response and high grade for high end audio devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK501 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK501 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK501 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK501 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK501 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
344
High sound quality, good response and high grade
for high end audio devices
50mm Size Metal Shaft High-quality-audio Type
RK501
Refer to P.345 for other specifications.
Refer to P.345 for attached parts.
Refer to P.349 for soldering conditions.
Product Line
Number of
resistor elements
Dual-unit
Quad-unit
Mounting
direction
Horizontal
type
Shaft
type
Slotted
Length of the shaft
L1(mm)
25
30
Center
detent
Without
Resistance
taper
15A
Products No.
RK50112A0004
RK50114A0001
Minimum order unit(pcs.)
Japan
Export
1
1
Total resistance
(k Ω)
100
50
Drawing
No.
1
2
Dimensions
No.
Photo
Style
1
2
C0.5
29.9
34.4
3.5
1.6
10
38
25
M12x0.75
1
ø4
12 4
3
Not specified
slotting angle
q
C0.5
29.9
54.4
3.5
0.5
1.6
10
58
30
M12G0.75
1
ø4
12 4
3
Not specified
slotting angle
q
Single-shaft, dual-unit
RK50112
Single-shaft, quad.-unit
RK50114
1
1
2
3
4
Circuit
diagram
10
11.5
10-ø1.2 hole
Mounting hole detail
viewed from mounting side
Mounting
surface
1
1
2
3
4
Circuit
diagram
10
10
10
11.5
20-ø1.2 hole
Mounting hole detail
viewed from mounting side
Mounting
surface
Unit:mm
■ Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
150V AC
Total rotational angle
300°±3°
Rotational torque
Dual-unit
28±15mN・m
Quad-unit
32±15mN・m
Operating life
15,000 cycles
Operating temperature range
−10℃ to +70℃
Other varieties are also available. Refer to "Other Specifications" (P.345).
Note


Similar Part No. - RK501

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK50112A0004 ALPS-RK50112A0004 Datasheet
213Kb / 3P
50mm Size Metal Shaft High-quality-audio Type
logo
List of Unclassifed Man...
RK50112A0004 ETC-RK50112A0004 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK50114A0001 ALPS-RK50114A0001 Datasheet
213Kb / 3P
50mm Size Metal Shaft High-quality-audio Type
logo
List of Unclassifed Man...
RK50114A0001 ETC-RK50114A0001 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - RK501

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
High Sound Quality Multi Melody IC
logo
List of Unclassifed Man...
EC-20N16 ETC-EC-20N16 Datasheet
225Kb / 3P
HIGH POWER 250W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
YSS241B ETC1-YSS241B Datasheet
1Mb / 26P
High-Quality Sound Processing by All Digital Sound Processing
ECF10N25 ETC1-ECF10N25 Datasheet
64Kb / 1P
HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
logo
Maxim Integrated Produc...
MAX64180 MAXIM-MAX64180 Datasheet
882Kb / 114P
High-Quality Video and Audio Encoding
Revision 1.1: 06/04/12
logo
Rohm
BD34602FS-M ROHM-BD34602FS-M Datasheet
1Mb / 33P
6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
logo
Asahi Kasei Microsystem...
AK4377 AKM-AK4377 Datasheet
277Kb / 5P
High Sound Quality Advanced DAC with HP
logo
New Japan Radio
MUSES03 NJRC-MUSES03 Datasheet
844Kb / 11P
High-Quality Sound, J-FET Input, Single Operational Amplifier for Premium Audio
logo
Rohm
BD34301EKV ROHM-BD34301EKV Datasheet
2Mb / 54P
High Sound Quality Audio D/A Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com