Electronic Components Datasheet Search
  English  ▼

X  

BXY42 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BXY42
Description  HiRel Silicon PIN Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BXY42 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BXY42 Datasheet HTML 1Page - Infineon Technologies AG BXY42 Datasheet HTML 2Page - Infineon Technologies AG BXY42 Datasheet HTML 3Page - Infineon Technologies AG BXY42 Datasheet HTML 4Page - Infineon Technologies AG BXY42 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BXY42
Semiconductor Group
2 of 5
Draft B, September 99
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse Voltage
VR
50
V
Peak Forward Current
1)
IFM
5A
Power Dissipation
BXY42-T
2)
BXY42-T1
3)
Ptot
600
350
mW
Operating Temperature Range
Top
-55 to +175
°C
Storage Temperature Range
Tstg
-65 to +175
°C
Soldering Temperature
4)
Tsol
+250
°C
Junction Temperature
Tj
175
°C
Thermal Resistance Junction-Case
BXY42-T
BXY42-T1
Rth(j-c)
200
350
K/W
Notes.:
1.) At tp = 1,0µs, Duty Cycle=0,001%
2.) At TCASE = 55 °C. For TCASE > 55 °C derating is required.
3.) At TCASE = 52,5 °C. For TCASE > 52,5 °C derating is required.
4.) During 5 sec. maximum. The same terminal shall not be resoldered until 5 minutes have
elapsed.
Electrical Characteristics
at TA=25°C; unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse Current 1
VR1=50V
IR1
--
10
µA
Reverse Current 2
VR2=40V
IR2
--
5
nA
Forward Voltage
IF=100mA
VF
-
0,97
1,1
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com