Electronic Components Datasheet Search
  English  ▼

X  

RHFL6000A Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFL6000A
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFL6000A Datasheet HTML 4Page - STMicroelectronics RHFL6000A Datasheet HTML 5Page - STMicroelectronics RHFL6000A Datasheet HTML 6Page - STMicroelectronics RHFL6000A Datasheet HTML 7Page - STMicroelectronics RHFL6000A Datasheet HTML 8Page - STMicroelectronics RHFL6000A Datasheet HTML 9Page - STMicroelectronics RHFL6000A Datasheet HTML 10Page - STMicroelectronics RHFL6000A Datasheet HTML 11Page - STMicroelectronics RHFL6000A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Maximum ratings
RHFL6000A
8/31
DocID028379 Rev 2
3
Maximum ratings
Table 3: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage, VI-VGROUND
-0.3 to 12
V
VO
DC output voltage range
-0.3 to (VI + 0.3)
V
VADJ
Adjustable pin voltage
-0.3 to (VO + 0.3)
V
IO
Continuous output current
2
A
VOCM
Over current monitor pin voltage vs GND
-0.3 to 12
V
VISC
Current limit pin voltage vs GND
-0.3 to 12
V
INHIBIT
Inhibit pin voltage
-0.3 to 12
V
STAB
Stability capacitor pin voltage
-0.3 to 2.5
V
FILT C
Filter capacitor pin voltage
-0.3 to 1.3
V
TSTG
Storage temperature range
-65 to +150
°C
TOP
Operating junction temperature range
-55 to +125
°C
ESD
Human body model (HBM)
2
kV
Machine model (MM)
200
V
Charged device model (CDM)
500
V
Absolute maximum ratings are those values beyond which damage to the device
may occur. Functional operation under these condition is not implied.
Table 4: Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case, FLAT-16P
8.3
°C/W
TSOLD
Maximum soldering temperature, 10 s
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com