Electronic Components Datasheet Search
  English  ▼

X  

BXY44 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BXY44
Description  HiRel Silicon PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BXY44 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BXY44 Datasheet HTML 1Page - Infineon Technologies AG BXY44 Datasheet HTML 2Page - Infineon Technologies AG BXY44 Datasheet HTML 3Page - Infineon Technologies AG BXY44 Datasheet HTML 4Page - Infineon Technologies AG BXY44 Datasheet HTML 5Page - Infineon Technologies AG BXY44 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BXY44
Semiconductor Group
3 of 6
Draft B, September 99
Electrical Characteristics (continued)
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Total Capacitance
VR=50V; f=1MHz
BXY44-T, -T1, -T2
BXY44-FP
CT
-
-
0,20
0,50
0,35
0,75
pF
Forward Resistance 1
f=100MHz, IF1=10µA
BXY44-T, -T1, -T2
BXY44-FP
RF1
800
700
900
900
1300
1200
Ω
Forward Resistance 2
f=100MHz, IF2=1mA
BXY44-T, -T1, -T2
BXY44-FP
RF2
12
11
16
20
28
27
Ω
Forward Resistance 3
f=100MHz, IF3=10mA
BXY44-T, -T1, -T2
BXY44-FP
RF3
2,0
2,0
3,0
3,8
5,0
5,0
Ω
Minority Carrier Lifetime
IF=10mA, IR=6mA, IR=3mA
τL
300
800
-
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com