Electronic Components Datasheet Search
  English  ▼

X  

RX95HF Datasheet(PDF) 10 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 6Page - STMicroelectronics RX95HF Datasheet HTML 7Page - STMicroelectronics RX95HF Datasheet HTML 8Page - STMicroelectronics RX95HF Datasheet HTML 9Page - STMicroelectronics RX95HF Datasheet HTML 10Page - STMicroelectronics RX95HF Datasheet HTML 11Page - STMicroelectronics RX95HF Datasheet HTML 12Page - STMicroelectronics RX95HF Datasheet HTML 13Page - STMicroelectronics RX95HF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Power management and operating modes
RX95HF
10/44
DocID023884 Rev 3
Figure 5 shows the power-up sequence for a RX95HF device; where,
t0 is the initial wake-up delay
100 μs (minimum)
t1 is the minimum interrupt width
10 μs (minimum)
t2 is the delay for the serial interface selection
250 ns (typical)
t3 is the HFO setup time (tSU(HFO))
10 ms (maximum)
t4 is the VPS ramp-up time from 0V to VPS
200 μs (minimum) and
10 ms (max. by design validation)
Note:
VPS must be 0V before executing the start-up sequence.
The serial interface is selected after the following falling edge of pin IRQ_IN when leaving
from POR or Hibernate state.
Table 4 lists the signal configuration used to select the serial communication interface.
Table 4. Select serial communication interface selection table
Pin
Serial interface (SPI)
SSI_0
1
SSI_1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com