Electronic Components Datasheet Search
  English  ▼

X  

SD4933MR Datasheet(PDF) 11 Page - STMicroelectronics

Part # SD4933MR
Description  50 V moisture resistant DMOS transistor for ISM applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933MR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SD4933MR Datasheet HTML 7Page - STMicroelectronics SD4933MR Datasheet HTML 8Page - STMicroelectronics SD4933MR Datasheet HTML 9Page - STMicroelectronics SD4933MR Datasheet HTML 10Page - STMicroelectronics SD4933MR Datasheet HTML 11Page - STMicroelectronics SD4933MR Datasheet HTML 12Page - STMicroelectronics SD4933MR Datasheet HTML 13Page - STMicroelectronics SD4933MR Datasheet HTML 14Page - STMicroelectronics SD4933MR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID023664 Rev 2
11/20
SD4933MR
Typical performance (30 MHz)
20
S
0.165
4.19
T
1.017
25.84
U
0.375
9.52
V
0.456
11.58
W
0.325
8.24
X
0.650
16.50
Table 8. 30 MHz test circuit component list
Component
Description
C1,C9
0.01
μF / 500 V surface mount ceramic chip capacitor
C2, C3
750 pF ATC 700B surface mount ceramic chip capacitor
C4
300 pF ATC 700B surface mount ceramic chip capacitor
C5,C10,C11,C14,C16
10000 pF ATC 200B surface mount ceramic chip capacitor
C6
510 pF ATC 700B surface mount ceramic chip capacitor
C7
300 pF ATC 700B surface mount ceramic chip capacitor
C8
175-680 pF type 46 standard trimmer capacitor
C12
47
μF / 63 V aluminum electrolytic radial lead capacitor
C13
1200 pF ATC 700B surface mount ceramic chip capacitor
C15
100
μF / 63 V aluminum electrolytic radial lead capacitor
R1,R3
1 K OHM 1 W surface mount chip resistor
R2
560 OHM 2 W wire-wound axils lead resistor
T1
HF 2-30 MHz surface mount 9:1 transformer
T2
RG - 142B/U 50 OHM coaxial cable OD = 0.165[4.18] L 15”[381.00]
covered with 15”[381.00] tinned copper tubular brand 13/65” [5.1] width
L1
1 3/4 turn air-wound 16 AWG ID = 0.219 [5.56] poly-coated magnet wire
L2
1 3/4 turn air-wound 12 AWG ID = 0.250 [6.34] bus bar wire
RFC1,RFC2
3 turns 14 AWG wire through ferrite toroid
FB1
Surface mount EMI shield bead
FB2
Toroid
PCB
ULTRALAM 2000. 0.030” THK,
εr = 2.55, 2 Oz ED CU both sides
Table 7. Transmission line dimensions (continued)
Dim.
Inch
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com